Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 356 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 356 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 352Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 353Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 354Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 355Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 356Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 357Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 358Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 359Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 360Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 394 page
background image
356 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
356 • June 2011
COMPANY CONFIDENTIAL
Table 3-376, “1000Base-T Status Register,” on page 356 summarizes the Register
Table 3-376.
1000Base-T Status Register
3.10.12 MMD Access Control Register
Address Offset: 0x0D, or 0d13
Table 3-377, “MMD Access Control Register,” on page 357 summarizes the Register
Bit
Symbol
Type
Description
15
Master/Slave
Configuration
Fault
Mode
RO, LH
This register bit will clear on read
1: Master/Slave configuration fault detected
0: No fault detected
HW Rst
0
SW Rst
0
14
Master/Slave
Configuration
Resolution
Mode
RO
This register bit is not valid until register 6.1 is 1.
1: Local PHY cnfiguration resolved to Master
0: Local PHY cnfiguration resolved to Slave
HW Rst
0
SW Rst
0
13
Local Receiver
Status
Mode
RO
1:Local Receiver OK
0:Local Receiver Not OK
HW Rst
0
SW Rst
0
12
Remote
Receiver
Status
Mode
RO
1:Remote Receiver OK
0:Remote Receiver Not OK
HW Rst
0
SW Rst
0
11
Link Partner
1000Base-T
Full Duplex
Capability
Mode
RO
This register bit is not valid until register 6.1 is 1.
1: Link Partner is capable of 1000Base-T half duplex
0: Link Partner is not capable of 1000Base-T half duplex
HW Rst
0
SW Rst
0
10
Link Partner
1000Base-T
Half Duplex
Capability
Mode
RO
This register bit is not valid until register 6.1 is 1.
1: Link Partner is capable of 1000Base-T full duplex
0: Link Partner is not capable of 1000Base-T full duplex
HW Rst
0
SW Rst
0
9:8
Reserved
Mode
RO
HW Rst
Always 0
SW Rst
Always 0
7:0
Idle Error
Count
Mode
RO, SC
MSB of Idle Error Counter
These register bits report the idle error count since the last
time this register was read. The counter pegs at 11111111
and will not roll over.
HW Rst
0
SW Rst
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com