Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 358 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 358 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 354Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 355Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 356Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 357Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 358Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 359Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 360Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 361Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 362Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 394 page
background image
358 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
358 • June 2011
COMPANY CONFIDENTIAL
3.10.15 Function Control Register
Address Offset: 0x10, or 0d16
Table 3-380, “Function Control Register,” on page 358 summarizes the Register
Table 3-380.
Function Control Register
13
1000BASE-T
Full-Duplex
Mode
RO
PHY able to perform 1000BASE-T Full Duplex
HW Rst
Always 1
SW Rst
Always 1
12
1000BASE-T
Half-Duplex
Mode
RO
PHY not able to perform 1000BASE-T Half Duplex
HW Rst
Always 0
SW Rst
Always 0
11:0
Reserved
Mode
RO
HW Rst
Always 0
SW Rst
Always 0
Bit
Symbol
Type
Description
Bit
Symbol
Type
Description
15:12
Reserved
Mode
RO
Always 0
HW Rst
0
SW Rst
0
11
Assert CRS on
Transmit
Mode
R/W
This bit has effect only in 10Base-T half-duplex mode:
1 = assert on transmitting or receiving
0 = assert on reveiving. Do NOT assert on transmitting
HW Rst
0
SW Rst
Retain
10
Reserved
Mode
RO
Always 0
HW Rst
0
SW Rst
0
9:8
Reserved
Mode
R/O
Always 0
HW Rst
0
SW Rst
0
6:5
MDI Crossover
Mode
Mode
R/W
Changes to these bits are disruptive to the normal
operation; therefore any changes to these registers must
be followed by a software reset to take effect.
00 = Manual MDI configuration
01 = Manual MDIX configuration
10 = Reserved
11 = Enable automatic crossover for all modes
HW Rst
11
SW Rst
Updage
4:3
Reserved
Mode
RO
Always 0
HW Rst
0
SW Rst
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com