Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 362 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 362 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 358Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 359Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 360Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 361Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 362Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 363Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 364Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 365Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 366Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 394 page
background image
362 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
362 • June 2011
COMPANY CONFIDENTIAL
3.10.18 Interrupt Status Register
Address Offset: 0x13, or 0d19
Table 3-383, “Interrupt Status Register,” on page 362 summarizes the Register
Table 3-383.
Interrupt Status Register
1
Polarity
Changed
Interrupt Enable
Mode
R/W
1 = Interrupt enable
0 = Interrupt disable
HW Rst
0
SW Rst
Retain
0
Jabber Interrupt
Enable
Mode
R/W
1 = Interrupt enable
0 = Interrupt disable
HW Rst
0
SW Rst
Retain
Bit
Symbol
Type
Description
Bit
Symbol
Type
Description
15
Auto-
Negotiation
Error
Mode
RO, LH
An error is said to occur if MASTER/SLAVE does not
resolve, parallel detect fault, no common HCD, or link
does not come up after negotiation is completed.
1 = Auto-Negotiation Error
0 = No Auto-Negotiation Error
HW Rst
0
SW Rst
Retain
14
Speed Changed
Mode
RO, LH
1 = Speed changed
0 = Speed not changed
HW Rst
0
SW Rst
Retain
13
Reserved
Mode
RO, LH
Reserved
HW Rst
0
SW Rst
Retain
12
Page Received
Mode
RO
1 = Page received
0 = Page not received
HW Rst
0
SW Rst
Retain
11
Auto-
Negotiation
Completed
Mode
RO
1 = Auto-Negotiation completed
0 = Auto-Negotiation not completed
HW Rst
0
SW Rst
Retain
10
Link Status
Changed
Mode
RO, LH
1 = Link status changed
0 = Link status not changed
HW Rst
0
SW Rst
Retain
9
Symbol Error
Mode
RO, LH
1 = Symbol error
0 = No symbol error
HW Rst
0
SW Rst
Retain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com