Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 366 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 366 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 362Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 363Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 364Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 365Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 366Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 367Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 368Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 369Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 370Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 366 / 394 page
background image
366 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
366 • June 2011
COMPANY CONFIDENTIAL
Table 3-387.
Virtual Cable Tester Status Register
3.10.23 Debug Port
Address Offset: 0x1D, or 0d29
Table 3-388, “Debug Port (Address Offset),” on page 366 summarizes the Register
Table 3-388.
Debug Port (Address Offset)
3.10.24 Debug Port 2 (R/W Port)
Address Offset: 0x1E, or 0d30
Table 3-389, “Debug Port 2 (R/W Port),” on page 367 summarizes the Register
Bit
Symbol
Type
Description
15:10
Reserved
Mode
RO
Reserved.
HW Rst
Always 0
SW Rst
Always 0
9:8
Status
Mode
RO
The content of the Virtual Cable Tester Status Registers
applies to the cable
pair selected in the Virtual Cable Tester™ Control
Registers.
11 = linkup state, no open or short in cable.
00 = Valid test, normal cable (no short or open in cable)
10 = Valid test, open in cable for MDI pair 0/2. Short in
cable for MDI pair 1/3
01 = Valid test, short in cable for MDI pair 0/2. Open in
cable for MDI pair 1/3
HW Rst
00
SW Rst
00
7:0
Delta_Time
Mode
R/W
Delta time to indicate distance.
Length = Delta_Time * 0.824
HW Rst
0
SW Rst
0
Bit
Symbol
Type
Description
15:6
Reserved
Mode
RO
HW Rst
0
SW Rst
0
5:0
Address Offset
Mode
R/W
The address index of the register will be write or read.
HW Rst
0
SW Rst
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com