Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 364 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 364 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 360Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 361Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 362Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 363Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 364Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 365Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 366Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 367Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 368Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 394 page
background image
364 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
364 • June 2011
COMPANY CONFIDENTIAL
3.10.20 Receive Error Counter Register
Address Offset: 0x15, or 0d21
Table 3-385, “Status Register,” on page 365 summarizes the Register
10
aneg_now_qual
Mode
R/W
A rise of input pin "aneg_now" will set this bit to 1'b2,
and cause PHY to restart auto-negotiation.
Self-clear.
HW Rst
1’b0
SW Rst
Retain
9
Rev_aneg_qual
Mode
R/W
Make PHY to auto-negotiate in reversed mode. This bit
takes its value from the input pin "rev_aneg" upon
following:
1 HW reset(fall of rst_dsp_i);
2 PHY SW reset;
3 Rise of aneg_now.
HW Rst
1’b0
SW Rst
Update
8
Giga_dis_qual
Mode
R/W
Make PHY to disable GIGA mode. This bit takes its
value from the input pin "giga_dis" upon following:
1 HW reset(fall of rst_dsp_i);
2 PHY SW reset;
3 Rise of aneg_now.
HW Rst
1’b0
SW Rst
Update
7
Cfg_pad_en
Mode
RO, LH
The default value is zero; if this bit is set to one, then the
auto negotiation Arbitration FSM will bypass the
LINK_STATUS_CHECK state when the 10 baset/100
baset ready signal is asserted.
HW Rst
0
SW Rst
Retain
6
Mr_ltdis
Mode
R/W
The default value is zero; if this bit is set to one, then the
NLP Receive Link Integrity Test FSM will stays at the
NLP_TEST_PASS state.
HW Rst
0
SW Rst
Update
5
Smartspeed_en
Mode
R/W
The default value is one; if this bit is set to one and cable
inhibits completion of the training phase, then
After a few failed attempts, the DSP PHY automatically
downgrades the highest ability to the next lower speed:
from 1000 to 100 to 10.
HW Rst
1
SW Rst
Update
4:2
Smartspeed_retr
y_limit
Mode
R/W
The default value is three; if these bits are set to three,
then the DSP PHY will attempt five times before
downgrading; The number of attempts can be changed
through setting these bits.
HW Rst
011
SW Rst
Update
1
Bypass_smartspe
ed_timer
Mode
R/W
The default value is zero; if this bit is set to one, the
Smartspeed FSM will bypass the timer used for
stablility.
HW Rst
0
SW Rst
Update
0
Reserved
Mode
RO
Reserved. Must be 0.
HW Rst
0
SW Rst
0
Bit
Symbol
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com