Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 365 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 365 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 361Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 362Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 363Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 364Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 365Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 366Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 367Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 368Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 369Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
365
Table 3-385.
Status Register
3.10.21 Virtual Cable Tester Control Register
Address Offset: 0x16, or 0d22
Table 3-386, “Virtual Cable Tester Contol Register,” on page 365 summarizes the Register
Table 3-386.
Virtual Cable Tester Contol Register
3.10.22 Virtual Cable Tester Status Register
Address Offset: 0x1C, or 0d28
Table 3-387, “Virtual Cable Tester Status Register,” on page 366 summarizes the Register
Bit
Symbol
Type
Description
15:0
Receive Error
Count
Mode
RO
Counter will peg at 0xFFFF and will not roll over.
(when rx_dv is valid, count rx_er numbers)
(in this version, only for 100Base-T and 1000Base-T)
HW Rst
0x0000
SW Rst
Retain
Bit
Symbol
Type
Description
15:10
Reserved
Mode
RO
Reserved
HW Rst
Always 0
SW Rst
Always 0
9:8
MDI Pair Select
Mode
R/W
Virtual Cable Tester™ Control registers. Use the
Virtual Cable Tester Control Registers to select which
MDI pair is shown in the Virtual Cable Tester Status
register.
00 = MDI[0] pair
01 = MDI[1] pair
10 = MDI[2] pair
11 = MDI[3] pair
HW Rst
00
SW Rst
Retain
7:1
Reserved
Mode
RO
Always 0.
HW Rst
0
SW Rst
0
0
Enable Test
Mode
R/W
When set, hardware automatically disable this bit
when VCT is done.
1 = Enable VCT Test
0 = Disable VCT Test
HW Rst
0
SW Rst
Retain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com