Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 352 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 352 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 348Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 349Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 350Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 351Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 352Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 353Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 354Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 355Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 356Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 394 page
background image
352 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
352 • June 2011
COMPANY CONFIDENTIAL
3.10.7
Auto-negotiation Expansion Register
Address Offset: 0x06, or 0d06
Table 3-372, “Auto-negotiation Expansion Register,” on page 352 summarizes the Register
Table 3-372.
Auto-negotiation Expansion Register
3.10.8
Next Page Transmit Register
Address Offset: 0x07, or 0d07
5
10BASE-TX
Half Duplex
Mode
RO
Technology Ability Field
Received Code Word Bit 5
1 = Link partner is 10BASE-T half-
duplex capable
0 = Link partner is not 10BASE-T half-
duplex capable
HW Rst
0
SW Rst
0
4:0
Selector field
Mode
RO
Selector Field
Received Code Word Bit 4:0
HW Rst
00000
SW Rst
00000
Bit
Symbol
Type
Description
Bit
Symbol
Type
Description
15:5
Reserved
Mode
RO
Reserved. Must be 0.
HW Rst
Always
0x000
SW Rst
Always
0x000
4
Parallel Detection Fault
Mode
RO, LH
1: a fault has been detect
0: no fault has been detected
HW Rst
0
SW Rst
0
3
Link Partner Next Page Able
Mode
RO
1: Link partner is Next page able
0: Link partner is not next page able
HW Rst
0
SW Rst
0
2
Local Next Page Able
Mode
R/W
1 = Local Device is Next Page able
HW Rst
1
SW Rst
1
1
Page Received
Mode
RO, LH
1: A new page has been received
0: No new page has been received
HW Rst
0
SW Rst
0
0
Link Partner Auto-negotiation
Able
Mode
RO
1: Link partner is auto negotiation able
0: Link partner is not auto negotiation
able
HW Rst
0
SW Rst
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com