Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 350 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 350 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 346Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 347Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 348Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 349Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 350Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 351Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 352Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 353Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 354Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 394 page
background image
350 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
350 • June 2011
COMPANY CONFIDENTIAL
3.10.6
Link Partner Ability Register
Address Offset: 0x05, or 0d05
Table 3-371, “Link Partner Ability Register,” on page 350 summarizes the Register
Table 3-371.
Link Partner Ability Register
7
100BASE-TX
Half Duplex
Mode
R/W
The value of this bit will be updated immediately after
writing this register. But the value written to this bit does
not takes effect until any one of the following occurs:
o Software reset is asserted (register 0.15)
o Restart Auto-Negotiation is asserted (register 0.9)
o Power down (register 0.11) transitions from power down
to normal operation
o Link goes down
1 = Advertise
0 = Not advertised
HW Rst
1
SW Rst
Update
6
10BASE-TX
Full Duplex
Mode
R/W
The value of this bit will be updated immediately after
writing this register. But the value written to this bit does
not takes effect until any one of the following occurs:
o Software reset is asserted (register 0.15)
o Restart Auto-Negotiation is asserted (register 0.9)
o Power down (register 0.11) transitions from power down
to normal operation
o Link goes down
1 = Advertise
0 = Not advertised
HW Rst
1
SW Rst
Update
5
10BASE-TX
Half Duplex
Mode
R/W
The value of this bit will be updated immediately after
writing this register. But the value written to this bit does
not takes effect until any one of the following occurs:
o Software reset is asserted (register 0.15)
o Restart Auto-Negotiation is asserted (register 0.9)
o Power down (register 0.11) transitions from power down
to normal operation
o Link goes down
1 = Advertise
0 = Not advertised
HW Rst
1
SW Rst
Update
4:0
Selector Field
Mode
RO
Selector Field mode
00001 = 802.3
HW Rst
Always
00001
SW Rst
Always
00001
Bit
Symbol
Type
Description
Bit
Symbol
Type
Description
15
Next Page
Mode
RO
Received Code Word Bit 15
1 = Link partner capable of next page
0 = Link partner not capable of next
page
HW Rst
0
SW Rst
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com