Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 343 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 343 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 339Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 340Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 341Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 342Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 343Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 344Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 345Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 346Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 347Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
343
3.10 PHY Control Registers
Table 3-363, “PHY Control Register Summary,” on page 343 summarizes the PHY Control register
Table 3-364, “PHY Control Register Summary — MMD3,” on page 344 summarizes the PHY Control
Table 3-363.
PHY Control Register Summary
Offset (Hex)
Description
Page
0
Control Register
1
Status Register
2PHY Identifier
3
PHY Identifier 2
4
Auto-negotiation Advertisement Register
5
Link Partner Ability Register
6
Auto-negotiation Expansion Register
7
Next Page Transmit Register
8
Link Partner Next Page Register
9
1000Base-T Control Register
A
1000Base-T Status Register
B
Reserved
C
Reserved
D
Reserved
E
Reserved
F
Extended Status Register
10
PHY-specific Control Register
11
PHY-specific Status Register
12
Interrupt Enable Register
13
Interrupt Status Register
14
Extended PHY-specific Register
15
Receive Error Counter Register
16
Virtual Cable Tester Control Register
17
Reserved
18
Reserved
19
Reserved
1A
Reserved
1B
Reserved
1C
Virtual Cable Tester Status Register
1D
Debug port 1 (Address Offset)
1E
Debug port 2 (Data Port)
1F
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com