Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3235MODASF Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # CC3235MODASF
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASF Datasheet(HTML) 14 Page - Texas Instruments

Back Button CC3235MODASF Datasheet HTML 10Page - Texas Instruments CC3235MODASF Datasheet HTML 11Page - Texas Instruments CC3235MODASF Datasheet HTML 12Page - Texas Instruments CC3235MODASF Datasheet HTML 13Page - Texas Instruments CC3235MODASF Datasheet HTML 14Page - Texas Instruments CC3235MODASF Datasheet HTML 15Page - Texas Instruments CC3235MODASF Datasheet HTML 16Page - Texas Instruments CC3235MODASF Datasheet HTML 17Page - Texas Instruments CC3235MODASF Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 100 page
background image
14
CC3235MODAS, CC3235MODASF
SWRS233 – OCTOBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Terminal Configuration and Functions
Copyright © 2019, Texas Instruments Incorporated
Table 4-1. Module Pin Descriptions (continued)
MODULE PIN
TYPE(1)
CC3235 DEVICE
PIN NO.
MODULE PIN DESCRIPTION
NO.
NAME
38
GND
–
–
Ground
40
VBAT2
Power
10, 44, 54
Power supply for the module, must be connected to battery (2.3
V to 3.6 V)
42
GPIO30
I/O
53
GPIO(2)
43
GND
–
–
Ground
44
GPIO0
I/O
50
GPIO(2)
46
GPIO1
I/O
55
GPIO(2)
47
GPIO2
I/O
57
GPIO(2)
48
GPIO3
I/O
58
GPIO(2)
49
GPIO4
I/O
59
GPIO(2)
50
GPIO5
I/O
60
GPIO(2)
51
GPIO6
I/O
61
GPIO(2)
52
GPIO7
I/O
62
GPIO(2)
53
GPIO8
I/O
63
GPIO(2)
54
GPIO9
I/O
64
GPIO(2)
55
GND
–
–
Thermal ground
56
GND
–
–
Thermal ground
57
GND
–
–
Thermal ground
58
GND
–
–
Thermal ground
59
GND
–
–
Thermal ground
60
GND
–
–
Thermal ground
61
GND
–
–
Thermal ground
62
GND
–
–
Thermal ground
63
GND
–
–
Thermal ground
(1) I = input; O = output; I/O = bidirectional
(2) For pin multiplexing details, see Table 4-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com