Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3235MODASF Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # CC3235MODASF
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASF Datasheet(HTML) 49 Page - Texas Instruments

Back Button CC3235MODASF Datasheet HTML 45Page - Texas Instruments CC3235MODASF Datasheet HTML 46Page - Texas Instruments CC3235MODASF Datasheet HTML 47Page - Texas Instruments CC3235MODASF Datasheet HTML 48Page - Texas Instruments CC3235MODASF Datasheet HTML 49Page - Texas Instruments CC3235MODASF Datasheet HTML 50Page - Texas Instruments CC3235MODASF Datasheet HTML 51Page - Texas Instruments CC3235MODASF Datasheet HTML 52Page - Texas Instruments CC3235MODASF Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 100 page
background image
49
CC3235MODAS, CC3235MODASF
www.ti.com
SWRS233 – OCTOBER 2019
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Specifications
Copyright © 2019, Texas Instruments Incorporated
5.15 WLAN Transmitter Characteristics
(1)
Transmit power will be reduced by 1.5dB for VBAT < 2.8V
(2)
The 11g/n low rates on edge channels (2412 and 2462 MHz) have reduced TX power to meet FCC emission limits.
(3)
Power of 802.11b rates are reduced to meet ETSI requirements in Europe.
(4)
Channels 1 (2142 MHz) through 11 (2462 MHz) are supported for FCC.
(5)
Channels 1 (2142 MHz) through 13 (2472MHz) are supported for Europe and Japan. Note that channel 14 is not supported for Japan.
Table 5-8. WLAN Transmitter Characteristics: 2.4 GHz Band
TA = 25°C, VBAT = 2.3 V to 3.6 V.
(1) Parameters measured at SoC pin on channel 6 (2437 MHz).(2)(3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating frequency range(4)(5)
2412
2472
MHz
Maximum RMS output power measured at 1
dB from IEEE spectral mask or EVM
1 DSSS
16
dBm
2 DSSS
16
11 CCK
16.3
6 OFDM
15.3
9 OFDM
15.3
18 OFDM
15
36 OFDM
14
54 OFDM
12.5
MCS7
11
Transmit center frequency accuracy
–25
25
ppm
(1)
Transmit power will be reduced by 1.5dB for VBAT < 2.8V
(2)
FCC channels 36, 60, 64, 100, and 140, where harmonics/sub-harmonics of fall in the FCC restricted band, have reduced output power
to meet the FCC RSE requirement.
(3)
The edge channels (100 and 140) have reduced TX power to meet FCC emissions limits.
(4)
FCC band covers U-NII-1, U-NII-2A, U-NII-2C, and U-NII-3 20-MHz BW modulations.
(5)
Europe bands 1, 2 and 3, 20-MHz BW modulations are supported.
(6)
For Japan, W52, W53 and W56, 20-MHz BW modulations are supported.
Table 5-9. WLAN Transmitter Characteristics: 5 GHz Band
TA = 25°C, VBAT = 2.3 V to 3.6 V.
(1) Parameters measured at SoC pin are the average of channels 40, 56, 120, and 157 .(2)(3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating frequency range(4)(5)(6)
5180
5825
MHz
Maximum RMS output power measured at 1
dB from IEEE spectral mask or EVM
6 OFDM
15.1
dBm
9 OFDM
15.1
18 OFDM
15.1
36 OFDM
13.6
54 OFDM
12
MCS7
11
Transmit center frequency accuracy
-20
20
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com