Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3235MODASF Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # CC3235MODASF
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASF Datasheet(HTML) 81 Page - Texas Instruments

Back Button CC3235MODASF Datasheet HTML 77Page - Texas Instruments CC3235MODASF Datasheet HTML 78Page - Texas Instruments CC3235MODASF Datasheet HTML 79Page - Texas Instruments CC3235MODASF Datasheet HTML 80Page - Texas Instruments CC3235MODASF Datasheet HTML 81Page - Texas Instruments CC3235MODASF Datasheet HTML 82Page - Texas Instruments CC3235MODASF Datasheet HTML 83Page - Texas Instruments CC3235MODASF Datasheet HTML 84Page - Texas Instruments CC3235MODASF Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 100 page
background image
81
CC3235MODAS, CC3235MODASF
www.ti.com
SWRS233 – OCTOBER 2019
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Applications, Implementation, and Layout
Copyright © 2019, Texas Instruments Incorporated
Table 7-1 provides the bill of materials for a typical application using the CC3235MODAx module in
Figure 7-2.
For full operation reference design, see the CC3235MODAx SimpleLink™ and Internet of Things
Hardware Design Files.
Table 7-1. Bill of Materials
QTY
PART
REFERENCE
VALUE
MANUFACTURER
PART NUMBER
DESCRIPTION
2
C1, C2
0.1 µF
Murata
GRM155R61A104KA01D
Capacitor, ceramic, 0.1 µF, 10 V,
±10%, X5R, 0402
2
C4, C5
100 µF
Murata
LMK325ABJ107MMHT
Capacitor, ceramic, 100 µF, 10 V,
±20%, X5R, AEC-Q200 Grade 3, 1210
1
R1
10k
Vishay-Dale
CRCW040210K0JNED
RES, 10k, 5%, 0.063 W, AEC-Q200
Grade 0, 0402
1
CC1
CC3235MODSF
Texas Instruments
CC3235MODSF12MOBR
SimpleLink™ Wi-Fi® and Internet-of-
Things Module Solution, a Single-Chip
Wireless Dual-Band MCU, MOB0063A
7.2
Device Connection and Layout Fundamentals
7.2.1
Power Supply Decoupling and Bulk Capacitors
Depending upon routing resistors and battery type, TI recommends adding two 100-µF ceramic capacitors
to help provide the peak current drawn by the CC3235MODAx modules.
NOTE
The module enters a brown-out condition whenever the input voltage dips below VBROWN (see
Figure 5-4 and Figure 5-5). This condition must be considered during design of the power
supply routing specifically if operating from a battery. For more details on brown-out
consideration, see Section 5.8.
7.2.2
Reset
The module features an internal RC circuit to reset the device during power ON. The nRESET pin must be
held below 0.6 V for at least 5 ms for the device to successfully reset.
7.2.3
Unused Pins
All unused pins can be left unconnected without the concern of having leakage current.
7.3
PCB Layout Guidelines
This section details the PCB guidelines to speed up the PCB design using the CC3235MODAx. The
integrator of the CC3235MODAx modules must comply with the PCB layout recommendations described
in the following subsections to minimize the risk with regulatory certifications for the FCC, IC/ISED,
ETSI/CE, SRRC, and MIC. Moreover, TI recommends customers follow the guidelines described in this
section to achieve similar performance to that obtained with the TI reference design.
7.3.1
General Layout Recommendations
Ensure that the following general layout recommendations are followed:
•
Have a solid ground plane and ground vias under the module for stable system and thermal
dissipation.
•
Do not run signal traces underneath the module on a layer where the module is mounted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com