Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3235MODASF Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # CC3235MODASF
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASF Datasheet(HTML) 20 Page - Texas Instruments

Back Button CC3235MODASF Datasheet HTML 16Page - Texas Instruments CC3235MODASF Datasheet HTML 17Page - Texas Instruments CC3235MODASF Datasheet HTML 18Page - Texas Instruments CC3235MODASF Datasheet HTML 19Page - Texas Instruments CC3235MODASF Datasheet HTML 20Page - Texas Instruments CC3235MODASF Datasheet HTML 21Page - Texas Instruments CC3235MODASF Datasheet HTML 22Page - Texas Instruments CC3235MODASF Datasheet HTML 23Page - Texas Instruments CC3235MODASF Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 100 page
background image
Copyright © 2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
20
CC3235MODAS, CC3235MODASF
SWRS233 – OCTOBER 2019
www.ti.com
Table 4-2. Pin Attributes and Pin Multiplexing (continued)
GENERAL PIN ATTRIBUTES
FUNCTION
PAD STATES
Pkg.
Pin
Pin Alias
Use
Select as
Wakeup
Source
Config.
Addl.
Analog
Mux
Muxed
With
JTAG
Dig. Pin Mux
Config. Reg.
Dig.
Pin
Mux
Config.
Mode
Value
Signal Name
Signal
Description
Signal
Direction
LPDS(1)
Hib(2)
nRESET = 0
18
JTAG_TDO
I/O
Yes
No
Muxed
with
JTAG
TDO
GPIO_PAD_
CONFIG_ 24
(0x4402 E100)
1
TDO
JTAG TDO. Reset
default pinout.
O
Hi-Z,
Pull,
Drive
Driven
high in
SWD;
driven
low in
4-wire
JTAG
Hi-Z
0
GPIO24
GPIO
I/O
5
PWM0
Pulse-width
modulated O/P
O
2
UART1_RX
UART1 RX data
I
9
I2C_SDA
I2C data
I/O
(open
drain)
4
GT_CCP06
Timer capture port
I
6
McAFSX
I2S audio port
frame sync
O
19
GPIO28
I/O
No
No
No
GPIO_PAD_
CONFIG_ 40
(0x4402 E140)
0
GPIO28
GPIO
I/O
Hi-Z,
Pull,
Drive
Hi-Z,
Pull,
Drive
Hi-Z
20
NC
WLAN
analog
N/A
N/A
N/A
N/A
N/A
NC
Reserved
N/A
N/A
N/A
N/A
21
JTAG_TCK
I/O
No
No
Muxed
with
JTAG/
SWD-
TCK
GPIO_PAD_
CONFIG_ 28
(0x4402 E110)
1
TCK
JTAG/SWD TCK.
Reset default
pinout.
I
Hi-Z,
Pull,
Drive
Hi-Z,
Pull,
Drive
Hi-Z
8
GT_PWM03
Pulse-width
modulated O/P
O
22
JTAG_TMS
I/O
No
No
Muxed
with
JTAG/
SWD-
TMSC
GPIO_PAD_
CONFIG_ 29
(0x4402 E114)
1
TMS
JTAG/SWD TMS.
Reset default
pinout.
I/O
Hi-Z,
Pull,
Drive
Hi-Z,
Pull,
Drive
Hi-Z
0
GPIO29
GPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com