Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3235MODASF Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # CC3235MODASF
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASF Datasheet(HTML) 76 Page - Texas Instruments

Back Button CC3235MODASF Datasheet HTML 72Page - Texas Instruments CC3235MODASF Datasheet HTML 73Page - Texas Instruments CC3235MODASF Datasheet HTML 74Page - Texas Instruments CC3235MODASF Datasheet HTML 75Page - Texas Instruments CC3235MODASF Datasheet HTML 76Page - Texas Instruments CC3235MODASF Datasheet HTML 77Page - Texas Instruments CC3235MODASF Datasheet HTML 78Page - Texas Instruments CC3235MODASF Datasheet HTML 79Page - Texas Instruments CC3235MODASF Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 100 page
background image
76
CC3235MODAS, CC3235MODASF
SWRS233 – OCTOBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Detailed Description
Copyright © 2019, Texas Instruments Incorporated
6.13 Device Certification and Qualification
The CC3235MODAx MCU from TI is certified for FCC, IC/ISED, ETSI/CE, SRRC, and Japan MIC.
Moreover, the module is also Wi-Fi CERTIFIED™ with the ability to request a certificate transfer for Wi-Fi
Alliance® members. TI customers that build products based on the CC3235MODAx MCU from TI can save
in testing cost and time per product family.
Table 6-6. CC3235MODAx List of Certifications
Regulatory Body
Specification
ID (IF APPLICABLE)
FCC (USA)
Part 15C + MPE FCC RF Exposure
Z64-CC3235MOD (CC3235MODAx In
Process)
IC/ISED (Canada)
RSS-102 (MPE) and RSS-247 (Wi-Fi)
451I-CC3235MOD (CC3235MODAx in
Process)
ETSI/CE (Europe)
EN300328 v2.2.1 (2.4GHz Wi-Fi)
—
EN301893 v2.1.1 (5GHz Wi-Fi)
—
EN62311:2008 (MPE)
—
EN301489-1 v2.2.1 (General EMC)
—
EN301489-17 v3.2.0 (EMC)
—
EN60950-
1:2006/A11:2009/A1:2010/A12:2011/A2:2013
—
MIC (Japan)
Article 49-20 of ORRE
201-190033 (In Process)
SRRC (China)
EN300328 v1.7.1
CC3235MODASM2MON: XXXXXXXXXX(M)
(In Process)
CC3235MODASF12MON: XXXXXXXXXX(M)
(In Process)
6.13.1 FCC Certification and Statement
Certification In Process
6.13.2 IC/ISED Certification and Statement
Certification In Process
6.13.3 ETSI/CE Certification
Certification In Process
6.13.4 MIC Certification
Certification In Process
6.14 SRRC Certification and Statement
Certification In Process



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com