Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3235MODASF Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # CC3235MODASF
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASF Datasheet(HTML) 51 Page - Texas Instruments

Back Button CC3235MODASF Datasheet HTML 47Page - Texas Instruments CC3235MODASF Datasheet HTML 48Page - Texas Instruments CC3235MODASF Datasheet HTML 49Page - Texas Instruments CC3235MODASF Datasheet HTML 50Page - Texas Instruments CC3235MODASF Datasheet HTML 51Page - Texas Instruments CC3235MODASF Datasheet HTML 52Page - Texas Instruments CC3235MODASF Datasheet HTML 53Page - Texas Instruments CC3235MODASF Datasheet HTML 54Page - Texas Instruments CC3235MODASF Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 100 page
background image
POWER
OFF
HW INIT
FW INIT
APP CODE
EXECUTION
VBAT
nRESET
STATE
T1
T2
T3
RESET
T4
32-kHz
RTC CLK
APP CODE
LOAD
51
CC3235MODAS, CC3235MODASF
www.ti.com
SWRS233 – OCTOBER 2019
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Specifications
Copyright © 2019, Texas Instruments Incorporated
5.19 Timing and Switching Characteristics
5.19.1 Power-Up Sequencing
For proper start-up of the CC3235MODAx module, perform the recommended power-up sequencing as
follows:
1. Tie VBAT1 (pin 37) and VBAT2 (pin 40) together on the board.
2. Hold the nRESET pin low while the supplies are ramping up.
Figure 5-6 shows the reset timing diagram for the first-time power-up and reset removal.
Figure 5-6. First-Time Power-Up and Reset Removal Timing Diagram
Table 5-11 lists the timing requirements for the first-time power-up and reset removal.
Table 5-11. First-Time Power-Up and Reset Removal Timing Requirements
ITEM
NAME
DESCRIPTION
MIN
TYP
MAX UNIT
T1
nReset time
nReset timing after VBAT supplies are stable
1
ms
T2
Hardware wake-up time
25
ms
T3
Time taken by ROM
firmware to initialize
hardware
Includes internal 32-kHz XOSC settling time
1.1
s
T4
App code load time for
CC3235MODAS
CC3235MODAS
Image size (KB) × 1.7 ms
App code load time for
CC3235MODASF
CC3235MODASF
Image size (KB) × 0.06 ms
5.19.2 Power-Down Sequencing
For proper power down of the CC3235MODAx module, ensure that the nRESET (pin 35) and nHIB (pin 4)
pins have remained in a known state for a minimum of 200 ms before removing power from the module.
5.19.3 Device Reset
When a device restart is required, issue a negative pulse to the nRESET pin. Ensure the reset is properly
applied: A negative reset pulse (on pin 35) of at least 200-mS duration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com