Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3235MODASF Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # CC3235MODASF
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASF Datasheet(HTML) 71 Page - Texas Instruments

Back Button CC3235MODASF Datasheet HTML 67Page - Texas Instruments CC3235MODASF Datasheet HTML 68Page - Texas Instruments CC3235MODASF Datasheet HTML 69Page - Texas Instruments CC3235MODASF Datasheet HTML 70Page - Texas Instruments CC3235MODASF Datasheet HTML 71Page - Texas Instruments CC3235MODASF Datasheet HTML 72Page - Texas Instruments CC3235MODASF Datasheet HTML 73Page - Texas Instruments CC3235MODASF Datasheet HTML 74Page - Texas Instruments CC3235MODASF Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 100 page
background image
71
CC3235MODAS, CC3235MODASF
www.ti.com
SWRS233 – OCTOBER 2019
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Detailed Description
Copyright © 2019, Texas Instruments Incorporated
(1)
Modes are listed in order of power consumption, with highest power modes listed first.
Table 6-2. User Program Modes
APPLICATION PROCESSOR
(MCU) MODE(1)
DESCRIPTION
MCU active mode
MCU executing code at 80-MHz state rate.
MCU sleep mode
The MCU clocks are gated off in sleep mode and the entire state of the device is retained. Sleep mode
offers instant wakeup. The MCU can be configured to wake up by an internal fast timer or by activity
from any GPIO line or peripheral.
MCU LPDS mode
State information is lost and only certain MCU-specific register configurations are retained. The MCU
can wake up from external events or by using an internal timer. (The wake-up time is less than 3 ms.)
Certain parts of memory can be retained while the MCU is in LPDS mode. The amount of memory
retained is configurable. Users can choose to preserve code and the MCU-specific setting. The MCU
can be configured to wake up using the RTC timer or by an external event on specific GPIOs as the
wake-up source.
MCU hibernate mode
The lowest power mode in which all digital logic is power-gated. Only a small section of the logic directly
powered by the input supply is retained. The RTC keeps running and the MCU supports wakeup from
an external event or from an RTC timer expiry. Wake-up time is longer than LPDS mode at about 15 ms
plus the time to load the application from serial Flash, which varies according to code size. In this mode,
the MCU can be configured to wake up using the RTC timer or external event on a GPIO.
MCU shutdown mode
The lowest power mode system-wise. All device logics are off, including the RTC. The wake-up time in
this mode is longer than hibernate at about 1.1 s. To enter or exit the shutdown mode, the state of the
nRESET line is changed (low to shut down, high to turn on).
The NWP can be active or in LPDS mode and takes care of its own mode transitions. When there is no
network activity, the NWP sleeps most of the time and wakes up only for beacon reception (see
Table 6-3).
Table 6-3. Networking Subsystem Modes
NETWORK PROCESSOR
MODE
DESCRIPTION
Network active mode
(processing layer 3, 2, and 1)
Transmitting or receiving IP protocol packets
Network active mode
(processing layer 2 and 1)
Transmitting or receiving MAC management frames; IP processing not required.
Network active listen mode
Special power optimized active mode for receiving beacon frames (no other frames supported)
Network connected Idle
A composite mode that implements 802.11 infrastructure power save operation. The CC3235MODAx
NWPs automatically go into LPDS mode between beacons and then wakes to active listen mode to
receive a beacon and determine if there is pending traffic at the AP. If not, the NWP returns to LPDS
mode and the cycle repeats.
Network LPDS mode
Low-power state between beacons in which the state is retained by the NWP, allowing for a rapid wake
up.
Network disabled
The network is disabled
The operation of the application and network processor ensures that the module remains in the lowest
power mode most of the time to preserve battery life.
The following examples show the use of the power modes in applications:
•
A product that is continuously connected to the network in the 802.11 infrastructure power-save mode
but sends and receives little data spends most of the time in connected idle, which is a composite of
receiving a beacon frame and waiting for the next beacon.
•
A product that is not continuously connected to the network but instead wakes up periodically (for
example, every 10 minutes) to send data, spends most of the time in hibernate mode, jumping briefly
to active mode to transmit data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com