Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3235MODASF Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # CC3235MODASF
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASF Datasheet(HTML) 29 Page - Texas Instruments

Back Button CC3235MODASF Datasheet HTML 25Page - Texas Instruments CC3235MODASF Datasheet HTML 26Page - Texas Instruments CC3235MODASF Datasheet HTML 27Page - Texas Instruments CC3235MODASF Datasheet HTML 28Page - Texas Instruments CC3235MODASF Datasheet HTML 29Page - Texas Instruments CC3235MODASF Datasheet HTML 30Page - Texas Instruments CC3235MODASF Datasheet HTML 31Page - Texas Instruments CC3235MODASF Datasheet HTML 32Page - Texas Instruments CC3235MODASF Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 100 page
background image
29
CC3235MODAS, CC3235MODASF
www.ti.com
SWRS233 – OCTOBER 2019
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Terminal Configuration and Functions
Copyright © 2019, Texas Instruments Incorporated
4.3
Signal Descriptions
Table 4-3. Signal Descriptions
FUNCTION
SIGNAL NAME
PIN
NO.
PIN
TYPE
SIGNAL
DIRECTION
DESCRIPTION
ADC
ADC_CH0
47
I/O
I
ADC channel 0 input (maximum of 1.5 V)
ADC_CH1
48
I/O
I
ADC channel 1 input (maximum of 1.5 V)
ADC_CH2
49
I/O
I
ADC channel 2 input (maximum of 1.5 V)
ADC_CH3
50
I
I
ADC channel 3 input (maximum of 1.5 V)
BLE/2.4 GHz
radio
coexistence(2)
GPIO10
3
I/O
I/O
Coexistence inputs and outputs
GPIO14
5
I/O
I/O
GPIO15
6
I/O
I/O
GPIO16
7
I/O
I/O
GPIO17
8
I/O
I/O
GPIO12
9
I/O
I/O
GPIO22
11
I/O
I/O
GPIO28
19(1)
I/O
I/O
GPIO0
44
I/O
I/O
GPIO30
42(1)
I/O
I/O
GPIO5
50
I/O
I/O
GPIO6
51
I/O
I/O
GPIO8
53
I/O
I/O
GPIO9
54
I/O
I/O
Hostless mode
HM_IO
3
I/O
I/O
Hostless mode inputs and outputs
4
I/O
O
5
I/O
I/O
6
I/O
I/O
7
I/O
I/O
8
I/O
I/O
9
I/O
I/O
10
I/O
O
11
I/O
I/O
19(1)
I/O
I/O
23
O
O
42(1)
I/O
I/O
44
I/O
I/O
48
O
O
49
O
O
50
I/O
I/O
51
I/O
I/O
53
I/O
I/O
54
I/O
I/O
JTAG / SWD
TDI
12
I/O
I
JTAG TDI. Reset default pinout.
TDO
18
I/O
O
JTAG TDO. Reset default pinout.
TCK
21
I/O
I
JTAG/SWD TCK. Reset default pinout.
TMS
22
I/O
I/O
JTAG/SWD TMS. Reset default pinout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com