Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3235MODASF Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # CC3235MODASF
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASF Datasheet(HTML) 32 Page - Texas Instruments

Back Button CC3235MODASF Datasheet HTML 28Page - Texas Instruments CC3235MODASF Datasheet HTML 29Page - Texas Instruments CC3235MODASF Datasheet HTML 30Page - Texas Instruments CC3235MODASF Datasheet HTML 31Page - Texas Instruments CC3235MODASF Datasheet HTML 32Page - Texas Instruments CC3235MODASF Datasheet HTML 33Page - Texas Instruments CC3235MODASF Datasheet HTML 34Page - Texas Instruments CC3235MODASF Datasheet HTML 35Page - Texas Instruments CC3235MODASF Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 100 page
background image
32
CC3235MODAS, CC3235MODASF
SWRS233 – OCTOBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Terminal Configuration and Functions
Copyright © 2019, Texas Instruments Incorporated
Table 4-3. Signal Descriptions (continued)
FUNCTION
SIGNAL NAME
PIN
NO.
PIN
TYPE
SIGNAL
DIRECTION
DESCRIPTION
Parallel
interface
(8-bit π)
pXCLK (XVCLK)
4
I/O
O
Free clock to parallel camera
pVS (VSYNC)
9
I/O
I
Parallel camera vertical sync
pHS (HSYNC)
10
I/O
I
Parallel camera horizontal sync
pDATA8 (CAM_D4)
5
I/O
I
Parallel camera data bit 4
pDATA9 (CAM_D5)
6
I/O
I
Parallel camera data bit 5
pDATA10 (CAM_D6)
7
I/O
I
Parallel camera data bit 6
pDATA11 (CAM_D7)
8
I/O
I
Parallel camera data bit 7
pCLK (PIXCLK)
46
I/O
I
Pixel clock from parallel camera sensor
pDATA7 (CAM_D3)
48
I/O
I
Parallel camera data bit 3
pDATA6 (CAM_D2)
49
I/O
I
Parallel camera data bit 2
pDATA5 (CAM_D1)
50
I
I
Parallel camera data bit 1
pDATA4 (CAM_D0)
51
I/O
I
Parallel camera data bit 0
Power
VBAT1
37
—
—
Power supply for the module
VBAT2
40
—
—
Power supply for the module
RF(4)
RF_ABG
31
I/O
I
WLAN analog RF 802.11 a/b/g/n bands
SPI
GSPI_CLK
5
I/O
I/O
General SPI clock
GSPI_MISO
6
I/O
I/O
General SPI MISO
42
I/O
I/O
GSPI_CS
8
I/O
I/O
General SPI device select
44
I/O
I/O
GSPI_MOSI
7
I/O
I/O
General SPI MOSI
FLASH SPI
FLASH_SPI_CLK
15
O
O
Clock to SPI serial flash (fixed default)
FLASH_SPI_DOUT
17
O
O
Data to SPI serial flash (fixed default)
FLASH_SPI_DIN
13
I
I
Data from SPI serial flash (fixed default)
FLASH_SPI_CS
14
O
O
Device select to SPI serial flash (fixed default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com