Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3235MODASF Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # CC3235MODASF
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASF Datasheet(HTML) 25 Page - Texas Instruments

Back Button CC3235MODASF Datasheet HTML 21Page - Texas Instruments CC3235MODASF Datasheet HTML 22Page - Texas Instruments CC3235MODASF Datasheet HTML 23Page - Texas Instruments CC3235MODASF Datasheet HTML 24Page - Texas Instruments CC3235MODASF Datasheet HTML 25Page - Texas Instruments CC3235MODASF Datasheet HTML 26Page - Texas Instruments CC3235MODASF Datasheet HTML 27Page - Texas Instruments CC3235MODASF Datasheet HTML 28Page - Texas Instruments CC3235MODASF Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 100 page
background image
Copyright © 2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
25
CC3235MODAS, CC3235MODASF
www.ti.com
SWRS233 – OCTOBER 2019
Table 4-2. Pin Attributes and Pin Multiplexing (continued)
GENERAL PIN ATTRIBUTES
FUNCTION
PAD STATES
Pkg.
Pin
Pin Alias
Use
Select as
Wakeup
Source
Config.
Addl.
Analog
Mux
Muxed
With
JTAG
Dig. Pin Mux
Config. Reg.
Dig.
Pin
Mux
Config.
Mode
Value
Signal Name
Signal
Description
Signal
Direction
LPDS(1)
Hib(2)
nRESET = 0
49(9)
GPIO4
Analog
input (up to
1.8 V)/
digital I/O
Yes
See (8)
Yes
GPIO_PAD_
CONFIG_4
(0x4402 E0B0)
See(5)
ADC_CH2
ADC channel 2
input (1.5-V max)
I
Hi-Z,
Pull,
Drive
Hi-Z,
Pull,
Drive
Hi-Z
0
GPIO4
GPIO
I/O
Hi-Z,
Pull,
Drive
6
UART1_RX
UART1 RX data
I
Hi-Z,
Pull,
Drive
4
pDATA6
(CAM_D2)
Parallel camera
data bit 2
I
Hi-Z,
Pull,
Drive
50(9)
GPIO5
Analog
input up to
1.5 V
No
See(8)
No
GPIO_PAD_
CONFIG_5
(0x4402 E0B4)
See(5)
ADC_CH3
ADC channel 3
input (1.5 V max)
I
i-Z,
Pull,
Drive
Hi-Z,
Pull,
Drive
Hi-Z
0
GPIO5
GPIO
I/O
Hi-Z,
Pull,
Drive
4
pDATA5
(CAM_D1)
Parallel camera
data bit 1
I
Hi-Z,
Pull,
Drive
6
McAXR1
I2S audio port data
1 (RX, TX)
I/O
Hi-Z,
Pull,
Drive
7
GT_CCP05
Timer capture port
I
Hi-Z,
Pull,
Drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com