Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3235MODASF Datasheet(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
Part # CC3235MODASF
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASF Datasheet(HTML) 66 Page - Texas Instruments

Back Button CC3235MODASF Datasheet HTML 62Page - Texas Instruments CC3235MODASF Datasheet HTML 63Page - Texas Instruments CC3235MODASF Datasheet HTML 64Page - Texas Instruments CC3235MODASF Datasheet HTML 65Page - Texas Instruments CC3235MODASF Datasheet HTML 66Page - Texas Instruments CC3235MODASF Datasheet HTML 67Page - Texas Instruments CC3235MODASF Datasheet HTML 68Page - Texas Instruments CC3235MODASF Datasheet HTML 69Page - Texas Instruments CC3235MODASF Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 100 page
background image
66
CC3235MODAS, CC3235MODASF
SWRS233 – OCTOBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Detailed Description
Copyright © 2019, Texas Instruments Incorporated
•
Built-in network application and utilities:
–
HTTP/HTTPS
•
Web page content stored on serial Flash
•
RESTful APIs for setting and configuring application content
•
Dynamic user callbacks
–
Service discovery: Multicast DNS service discovery lets a client advertise its service without a
centralized server. After connecting to the access point, the CC3235MODAx MCU provides critical
information, such as device name, IP, vendor, and port number.
–
DHCP server
–
Ping
Table 6-1 describes the NWP features.
Table 6-1. NWP Features
Feature
Description
Wi-Fi standards
802.11a/b/g/n station
802.11a/b/g AP supporting up to four stations
Wi-Fi Direct client and group owner
Wi-Fi channels
2.4 GHz ISM and 5 GHz U-NII Channels
Channel Bandwidth
20 MHz
Wi-Fi security
WEP, WPA/WPA2 PSK, WPA2 enterprise (802.1x)
Wi-Fi provisioning
SmartConfig technology, Wi-Fi protected setup (WPS2), AP mode with internal HTTP web server
IP protocols
IPv4/IPv6
IP addressing
Static IP, LLA, DHCPv4, DHCPv6 with DAD
Cross layer
ARP, ICMPv4, IGMP, ICMPv6, MLD, NDP
Transport
UDP, TCP
SSLv3.0/TLSv1.0/TLSv1.1/TLSv1.2
RAW
Network applications and
utilities
Ping
HTTP/HTTPS web server
mDNS
DNS-SD
DHCP server
Host interface
UART/SPI
Security
Device identity
Trusted root-certificate catalog
TI root-of-trust public key
The CC3235S and CC3235SF variants also support:
•
Secure key storage
•
Online certificate status protocol (OCSP)
•
Certificate signing request (CSR)
•
Unique per device Key-Pair
•
File system security
•
Software tamper detection
•
Cloning protection
•
Secure boot
•
Validate the integrity and authenticity of the run-time binary during boot
•
Initial secure programming
•
Debug security
•
JTAG and debug
Power management
Enhanced power policy management uses 802.11 power save and deep-sleep power modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com