Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3235MODASF Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # CC3235MODASF
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASF Datasheet(HTML) 43 Page - Texas Instruments

Back Button CC3235MODASF Datasheet HTML 39Page - Texas Instruments CC3235MODASF Datasheet HTML 40Page - Texas Instruments CC3235MODASF Datasheet HTML 41Page - Texas Instruments CC3235MODASF Datasheet HTML 42Page - Texas Instruments CC3235MODASF Datasheet HTML 43Page - Texas Instruments CC3235MODASF Datasheet HTML 44Page - Texas Instruments CC3235MODASF Datasheet HTML 45Page - Texas Instruments CC3235MODASF Datasheet HTML 46Page - Texas Instruments CC3235MODASF Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 100 page
background image
43
CC3235MODAS, CC3235MODASF
www.ti.com
SWRS233 – OCTOBER 2019
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Specifications
Copyright © 2019, Texas Instruments Incorporated
(1)
The maximum transmit power range is 18dBm to 0.125dBm in 0.125dBm decrements.
(2)
FCC, IC/ISED, ETSI/CE, SRRC (MODAx only), and MIC are supported.
(3)
Rates are grouped into high modulation rates (MCS7, 54 OFDM and 48 OFDM) and lower modulation rates (all other rates).
(4)
The back-off range is 0 dBm to 18 dBm in 0.125 dBm increments, with the maximum back-off not exceed that of the maximum transmit
power.
(5)
The range of losses if from 0 dBm to 7.75 dBm in 0.125 dBm increments.
(6)
The antenna gain has a range of -2 dBi to 5.75 dBi in 0.125 dBi increments.
5.7
TX Power Control for 5 GHz
5 GHz power control is done via Image Creator where the maximum transmit power is provided (1). Within
Image Creator, power control is possible per channel, region (2), and modulation rates (3). In addition, it is
possible to enter an additional back-off (4) factor per channel and modulation rate for further margin to
regulatory requirements.
Finally, it is also possible to set the TX and RX trace losses to the antenna per band (5). The peak antenna
gain (6) can also be provided, thus allowing further control. For a full description of options and capabilities
see Uniflash with Image Creator User Guide.
5.8
Brownout and Blackout Conditions
The module enters a brownout condition whenever the input voltage dips below VBROWNOUT (see Figure 5-
4 and Figure 5-5). This condition must be considered during design of the power supply routing, especially
if operating from a battery. High-current operations, such as a TX packet or any external activity (not
necessarily related directly to networking) can cause a drop in the supply voltage, potentially triggering a
brownout. The resistance includes the internal resistance of the battery, contact resistance of the battery
holder (four contacts for a 2× AA battery), and the wiring and PCB routing resistance.
NOTE
When the module is in HIBERNATE state, brownout is not detected. Only blackout is in
effect during HIBERNATE state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com