Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3235MODASF Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # CC3235MODASF
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASF Datasheet(HTML) 56 Page - Texas Instruments

Back Button CC3235MODASF Datasheet HTML 52Page - Texas Instruments CC3235MODASF Datasheet HTML 53Page - Texas Instruments CC3235MODASF Datasheet HTML 54Page - Texas Instruments CC3235MODASF Datasheet HTML 55Page - Texas Instruments CC3235MODASF Datasheet HTML 56Page - Texas Instruments CC3235MODASF Datasheet HTML 57Page - Texas Instruments CC3235MODASF Datasheet HTML 58Page - Texas Instruments CC3235MODASF Datasheet HTML 59Page - Texas Instruments CC3235MODASF Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 100 page
background image
SWAS031-067
V
DD
80%
20%
t
GPIOF
t
GPIOR
56
CC3235MODAS, CC3235MODASF
SWRS233 – OCTOBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Specifications
Copyright © 2019, Texas Instruments Incorporated
(1)
VBAT = 2.3 V, T = 25°C, total pin load = 30 pF
(2)
The transition data applies to the pins other than the multiplexed analog-digital pins 25, 26, 42, and 44.
5.19.5.3 GPIOs
All digital pins of the module can be used as general-purpose input/output (GPIO) pins. The GPIO module
consists of four GPIO blocks, each of which provides eight GPIOs. The GPIO module supports 24
programmable GPIO pins, depending on the peripheral used. Each GPIO has configurable pullup and
pulldown strength (weak 10 µA), configurable drive strength (2, 4, and 6 mA), and open-drain enable.
Figure 5-12 shows the GPIO timing diagram.
Figure 5-12. GPIO Timing Diagram
Table 5-17 lists the GPIO output transition times for VBAT = 2.3 V.
Table 5-17. GPIO Output Transition Times (VBAT = 2.3 V)
(1) (2)
DRIVE
STRENGTH
(mA)
DRIVE STRENGTH
CONTROL BITS
Tr
Tf
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
2
2MA_EN=1
11.7
13.9
16.3
11.5
13.9
16.7
ns
4MA_EN=0
4
2MA_EN=0
13.7
15.6
18.0
9.9
11.6
13.6
ns
4MA_EN=1
6
2MA_EN=1
5.5
6.4
7.4
3.8
4.7
5.8
ns
4MA_EN=1
(1)
VBAT = 3.3 V, T = 25°C, total pin load = 30 pF
(2)
The transition data applies to the pins except the multiplexed analog-digital pins 29, 30, 45, 50, 52 and 53.
Table 5-18 lists the GPIO output transition times for VBAT = 3.3 V.
Table 5-18. GPIO Output Transition Times (VBAT = 3.3 V)
(1) (2)
DRIVE
STRENGTH
(mA)
DRIVE STRENGTH
CONTROL BITS
Tr
Tf
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
2
2MA_EN=1
8.0
9.3
10.7
8.2
9.5
11.0
ns
4MA_EN=0
4
2MA_EN=0
6.6
7.1
7.6
4.7
5.2
5.8
ns
4MA_EN=1
6
2MA_EN=1
3.2
3.5
3.7
2.3
2.6
2.9
ns
4MA_EN=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com