Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3235MODASF Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CC3235MODASF
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASF Datasheet(HTML) 2 Page - Texas Instruments

  CC3235MODASF Datasheet HTML 1Page - Texas Instruments CC3235MODASF Datasheet HTML 2Page - Texas Instruments CC3235MODASF Datasheet HTML 3Page - Texas Instruments CC3235MODASF Datasheet HTML 4Page - Texas Instruments CC3235MODASF Datasheet HTML 5Page - Texas Instruments CC3235MODASF Datasheet HTML 6Page - Texas Instruments CC3235MODASF Datasheet HTML 7Page - Texas Instruments CC3235MODASF Datasheet HTML 8Page - Texas Instruments CC3235MODASF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 100 page
background image
2
CC3235MODAS, CC3235MODASF
SWRS233 – OCTOBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Module Overview
Copyright © 2019, Texas Instruments Incorporated
• Additional integrated components
– 40.0 MHz crystal
– 32.768 kHz crystal (RTC)
– 32 Mbit SPI Serial Flash
– RF filters, diplexer and passive components
• Footprint compatible QFM package
– CC3235MODAx: 1.27-mm pitch,
63-pin, 20.5-mm × 25.0-mm
• Module Supports SimpleLink Developer's
Ecosystem
1.2
Applications
•
For Internet of Things applications, such as:
–
Medical and Healthcare
•
Multiparameter Patient Monitor
•
Electrocardiogram (ECG)
•
Electronic Hospital Bed & Bed Control
•
Telehealth Systems
–
Building and Home Automation:
•
HVAC Systems & Thermostat
•
Video Surveillance, Video Doorbells, and
Low-Power Camera
•
Building Security Systems and E-locks
–
Appliances
–
Asset Tracking
–
Factory Automation
–
Grid Infrastructure
1.3
Description
Start your design with the fully programmable FCC, IC/ISED, ETSI/CE, MIC, and SRRC Certified (In
Process) wireless microcontroller (MCU) module with built-in dual-band Wi-Fi connectivity. The modules
integrate the 40-MHz crystal, 32.768-kHz RTC clock, 32-Mb SPI serial Flash, RF filters, diplexer, and
passive components.
The SimpleLink™ CC3235MODAx module family come in two different module variants:
•
CC3235MODAS includes 256KB of RAM, IoT networking security, device identity/keys, as well as,
MCU level security features such as file system encryption, user IP (MCU image) encryption, secure
boot and debug security.
•
CC3235MODASF builds on the CC3235MODAS and integrates a user-dedicated 1MB of executable
flash in addition to the 256KB of RAM.
Created for IoT, the SimpleLink™ Wi-Fi® CC3235MODAx module family from Texas Instruments™ is a
wireless module that integrates two physically separated on-chip MCUs.
•
Application processor—Arm® Cortex®-M4 MCU with a user-dedicated 256KB of RAM and an optional
1MB of executable flash.
•
Network processor to run all Wi-Fi® and Internet logical layers. This ROM-based subsystem completely
offloads the host MCU and includes an 802.11 a/b/g/n dual-band 2.4 GHz and 5 GHz radio, baseband,
and MAC with a powerful hardware cryptography engine.
This generation introduces new capabilities that further simplify the connectivity of things to the Internet.
The main new features include:
•
802.11 a/b/g/n: 2.4 GHz and 5 GHz support
•
2.4 GHz Coexistence with Bluetooth® low energy radio
•
Antenna diversity
•
Enhanced security with FIPS 140-2 Level 1 validated IC inside: certification.
•
More concurrent secure sockets (up to 16)
•
Certificate signing request (CSR)
•
Online certificate status protocol (OCSP)
•
Wi-Fi Alliance® certified for IoT applications with low-power capabilities and more
•
Hostless mode for offloading template packet transmissions
•
Improved fast scan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com