Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3235MODASF Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # CC3235MODASF
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASF Datasheet(HTML) 24 Page - Texas Instruments

Back Button CC3235MODASF Datasheet HTML 20Page - Texas Instruments CC3235MODASF Datasheet HTML 21Page - Texas Instruments CC3235MODASF Datasheet HTML 22Page - Texas Instruments CC3235MODASF Datasheet HTML 23Page - Texas Instruments CC3235MODASF Datasheet HTML 24Page - Texas Instruments CC3235MODASF Datasheet HTML 25Page - Texas Instruments CC3235MODASF Datasheet HTML 26Page - Texas Instruments CC3235MODASF Datasheet HTML 27Page - Texas Instruments CC3235MODASF Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 100 page
background image
Copyright © 2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
24
CC3235MODAS, CC3235MODASF
SWRS233 – OCTOBER 2019
www.ti.com
Table 4-2. Pin Attributes and Pin Multiplexing (continued)
GENERAL PIN ATTRIBUTES
FUNCTION
PAD STATES
Pkg.
Pin
Pin Alias
Use
Select as
Wakeup
Source
Config.
Addl.
Analog
Mux
Muxed
With
JTAG
Dig. Pin Mux
Config. Reg.
Dig.
Pin
Mux
Config.
Mode
Value
Signal Name
Signal
Description
Signal
Direction
LPDS(1)
Hib(2)
nRESET = 0
46
GPIO1
I/O
No
No
No
GPIO_PAD_
CONFIG_1
(0x4402 E0A4)
0
GPIO1
GPIO
I/O
Hi-Z,
Pull,
Drive
Hi-Z,
Pull,
Drive
Hi-Z
3
UART0_TX
UART0 TX data
O
1
4
pCLK (PIXCLK)
Pixel clock from
parallel camera
sensor
I
Hi-Z,
Pull,
Drive
6
UART1_TX
UART1 TX data
O
1
7
GT_CCP01
Timer capture port
I
Hi-Z,
Pull,
Drive
47(9)
GPIO2
Analog
input (up to
1.8 V)/
digital I/O
Yes
See (8)
No
GPIO_PAD_
CONFIG_2
(0x4402 E0A8)
See (5)
ADC_CH0
ADC channel 0
input (1.5-V max)
I
Hi-Z,
Pull,
Drive
Hi-Z,
Pull,
Drive
Hi-Z
0
GPIO2
GPIO
I/O
Hi-Z,
Pull,
Drive
3
UART0_RX
UART0 RX data
I
Hi-Z,
Pull,
Drive
6
UART1_RX
UART1 RX data
I
Hi-Z,
Pull,
Drive
7
GT_CCP02
Timer capture port
I
Hi-Z,
Pull,
Drive
48(9)
GPIO3
Analog
input (up to
1.8 V)/
digital I/O
No
See (8)
No
GPIO_PAD_
CONFIG_3
(0x4402 E0AC)
See (5)
ADC_CH1
ADC channel 1
input (1.5-V max)
I
Hi-Z,
Pull,
Drive
Hi-Z,
Pull,
Drive
Hi-Z
0
GPIO3
GPIO
I/O
Hi-Z,
Pull,
Drive
6
UART1_TX
UART1 TX data
O
1
4
pDATA7
(CAM_D3)
Parallel camera
data bit 3
I
Hi-Z,
Pull,
Drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com