Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3235MODASF Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # CC3235MODASF
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASF Datasheet(HTML) 80 Page - Texas Instruments

Back Button CC3235MODASF Datasheet HTML 76Page - Texas Instruments CC3235MODASF Datasheet HTML 77Page - Texas Instruments CC3235MODASF Datasheet HTML 78Page - Texas Instruments CC3235MODASF Datasheet HTML 79Page - Texas Instruments CC3235MODASF Datasheet HTML 80Page - Texas Instruments CC3235MODASF Datasheet HTML 81Page - Texas Instruments CC3235MODASF Datasheet HTML 82Page - Texas Instruments CC3235MODASF Datasheet HTML 83Page - Texas Instruments CC3235MODASF Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 100 page
background image
P50_GPIO_00
P55_GPIO_01
P57_GPIO_02
P58_GPIO_03
P59_GPIO_04
P60_GPIO_05
P61_GPIO_06
P62_GPIO_07
P63_GPIO_08
P64_GPIO_09
P01_GPIO_10
P02_GPIO_11
P03_GPIO_12
P04_GPIO_13
P07_GPIO_16
P08_GPIO_17
P15_GPIO_22
P18_GPIO_28
P53_GPIO_30
P05_GPIO_14
P06_GPIO_15
VBAT_CC
GND
JTAG/DEBUG
EXTERNAL
1
2
PROGRAMMING
3
4
5
6
J1
10k
R1
VBAT_CC
C2
0.1uF
0.1uF
C1
GND
GND
SEE TABLE 4-1 FOR
VBAT_RESET and nRESET
CONNECTION OPTIONS
At a minimum, pull these pins out
to test points to aid in debug:
Pin 48: RS232_TX
Pin 49: RS232_RX
Pin 50: WLAN_LOG
Pin 52: NWP_LOG
C4
100uF
C5
100uF
SOP[2:0] USED TO CONFIGURE BOOT MODES (TABLE 5-5)
GND
GND
VBAT_CC
1
GND
2
GND
3
GPIO_10
4
GPIO_11
5
GPIO_14
Optional:
Consider adding extra decoupling
capacitors if the battery cannot source
the peak currents.
6
GPIO_15
7
GPIO_16
8
GPIO_17
9
GPIO_12
10
GPIO_13
11
GPIO_22
12
JTAG_TDI
13
FLASH_SPI_MISO
14
FLASH_SPI_CS_IN
15
GND
16
FLASH_SPI_CLK
17
FLASH_SPI_MOSI
18
JTAG_TDO
19
GPIO_28
NC
20
21
JTAG_TCK
22
JTAG_TMS
23
SOP2
SOP1
24
GND
27
GND
28
GND
29
GND
30
31
RF_ABG
GND
32
NC
33
SOP0
34
35
RESET
36
VBAT_RESET
VBAT1
37
GND
38
NC
39
40
VBAT2
NC
41
42
GPIO_30
GND
43
44
GPIO_0
NC
45
46
GPIO_01
47
GPIO_02
48
GPIO_03
49
GPIO_04
50
GPIO_05
51
GPIO_06
52
GPIO_07
53
GPIO_08
54
GPIO_09
GND
55
GND
56
GND
57
GND
58
GND
59
GND
60
GND
61
GND
62
GND
63
GND
25
GND
26
CC?
GND
CC3235MODASM2MONR
GND
Copyright © 2019, Texas Instruments Incorporated
Applications, Implementation, and Layout
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
80
CC3235MODAS, CC3235MODASF
SWRS233 – OCTOBER 2019
www.ti.com
7.1.2
Typical Application Schematic
Figure 7-2 shows the typical application schematic using the CC3235MODAx module. See the full reference schematic for CC3235MODAx.
Figure 7-2. CC3235MODAx Typical Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com