Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3235MODASF Datasheet(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
Part # CC3235MODASF
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASF Datasheet(HTML) 50 Page - Texas Instruments

Back Button CC3235MODASF Datasheet HTML 46Page - Texas Instruments CC3235MODASF Datasheet HTML 47Page - Texas Instruments CC3235MODASF Datasheet HTML 48Page - Texas Instruments CC3235MODASF Datasheet HTML 49Page - Texas Instruments CC3235MODASF Datasheet HTML 50Page - Texas Instruments CC3235MODASF Datasheet HTML 51Page - Texas Instruments CC3235MODASF Datasheet HTML 52Page - Texas Instruments CC3235MODASF Datasheet HTML 53Page - Texas Instruments CC3235MODASF Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 100 page
background image
50
CC3235MODAS, CC3235MODASF
SWRS233 – OCTOBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Specifications
Copyright © 2019, Texas Instruments Incorporated
(1)
The CC3235MODAS modules are compatible with TI BLE modules using an external RF switch.
(2)
A single antenna configuration is possible using the CC3x35 devices.
(3)
For dual antenna configuration, the antenna placement must be such that isolation between the BLE and WLAN ports is at least 20 dB.
5.16 BLE and WLAN Coexistence Requirements
For proper BLE and WLAN 2.4 GHz radio coexistence, the following requirements must be met:
Table 5-10. BLE/WLAN Coex(1) Isolation Requirement
PARAMETER
Band
MIN
TYP
MAX
UNIT
Port-to-port isolation
Dual antenna configuration(2)
20(3)
dB
(1)
The nRESET pin must be held below 0.6 V for the module to register a reset.
5.17 Reset Requirement
PARAMETER
MIN
TYP
MAX
UNIT
VIH
Operation mode level
0.65 × VBAT
V
VIL
Shutdown mode level(1)
0
0.6
V
Minimum time for nReset low for resetting the module
5
ms
Tr and Tf
Rise and fall times
20
µs
(1)
°C/W = degrees Celsius per watt.
(2)
These values are based on a JEDEC-defined 2S2P system (with the exception of the Theta JC [RΘJC] value, which is based on a
JEDEC-defined 1S0P system) and will change based on environment as well as application. For more information, see these
EIA/JEDEC standards:
•
JESD51-2, Integrated Circuits Thermal Test Method Environmental Conditions - Natural Convection (Still Air)
•
JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-9, Test Boards for Area Array Surface Mount Package Thermal Measurements
Power dissipation of 2 W and an ambient temperature of 70ºC is assumed.
(3)
m/s = meters per second.
5.18 Thermal Resistance Characteristics for MOB and MON Packages
NO.
PARAMET
ER
DESCRIPTION
°C/W(1) (2)
AIR FLOW (m/s)(3)
T1
RΘJC
Junction-to-case
11.4
N/A
T2
RΘJB
Junction-to-board
8.0
N/A
T3
RΘJA
Junction-to-free air
19.1
0
T4
Junction-to-moving air
14.7
1
T5
13.4
2
T6
12.5
3
T7
ΨJT
Junction-to-free air
5.4
0
T8
Junction-to-package top
5.8
1
T9
6.1
2
T10
6.5
3
T11
ΨJB
Junction-to-free air
6.8
0
T12
Junction-to-board
6.6
1
T13
6.6
2
T14
6.5
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com