Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3235MODASF Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # CC3235MODASF
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASF Datasheet(HTML) 41 Page - Texas Instruments

Back Button CC3235MODASF Datasheet HTML 37Page - Texas Instruments CC3235MODASF Datasheet HTML 38Page - Texas Instruments CC3235MODASF Datasheet HTML 39Page - Texas Instruments CC3235MODASF Datasheet HTML 40Page - Texas Instruments CC3235MODASF Datasheet HTML 41Page - Texas Instruments CC3235MODASF Datasheet HTML 42Page - Texas Instruments CC3235MODASF Datasheet HTML 43Page - Texas Instruments CC3235MODASF Datasheet HTML 44Page - Texas Instruments CC3235MODASF Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 100 page
background image
TX power level setting
19.00
17.00
15.00
13.00
11.00
9.00
7.00
5.00
3.00
1.00
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
280.00
264.40
249.00
233.30
218.00
202.00
186.70
171.00
155.60
140.00
1 DSSS
Color by
TX Power (dBm)
IBAT (VBAT @ 3.6 V)
41
CC3235MODAS, CC3235MODASF
www.ti.com
SWRS233 – OCTOBER 2019
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Specifications
Copyright © 2019, Texas Instruments Incorporated
(1)
The back-off range is between -6 dB to +6 dB in 0.25dB increments.
(2)
FCC, IC/ISED, ETSI/CE, SRRC, and MIC are supported.
(3)
Back-off rates are grouped into 11b rates, high modulation rates (MCS7, 54 OFDM and 48 OFDM), and lower modulation rates (all other
rates).
(4)
Please also note that there will be a delta between the CC3135MOD and CC3135 IC's TX power levels.
5.6
TX Power Control for 2.4 GHz Band
The CC3235MODAS has several options for modifying the output power of the device when required. For
the 2.4 GHz band it is possible to lower the overall output power at a global level using the global TX
power level setting. In addition, the 2.4 GHz band allows the user to enter additional back-offs (1), per
channel, region (2) and modulation rates (3) (4), via Image creator (see the Uniflash with Image Creator User
Guide for more details).
Figure 5-1, Figure 5-2, and Figure 5-3 show TX Power and IBAT versus TX power level settings for the
CC3235MODS module at modulations of 1 DSSS, 6 OFDM, and 54 OFDM, respectively. For the
CC3235MODSF module, the IBAT current has an increase of approximately 10 mA to 15 mA depending
on the transmitted rate. The TX power level will remain the same.
In Figure 5-1, the area enclosed in the circle represents a significant reduction in current during transition
from TX power level 3 to level 4. In the case of lower range requirements (14-dBm output power), TI
recommends using TX power level 4 to reduce the current.
Figure 5-1. TX Power and IBAT vs TX Power Level Settings (1 DSSS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com