Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3235MODASF Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # CC3235MODASF
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASF Datasheet(HTML) 57 Page - Texas Instruments

Back Button CC3235MODASF Datasheet HTML 53Page - Texas Instruments CC3235MODASF Datasheet HTML 54Page - Texas Instruments CC3235MODASF Datasheet HTML 55Page - Texas Instruments CC3235MODASF Datasheet HTML 56Page - Texas Instruments CC3235MODASF Datasheet HTML 57Page - Texas Instruments CC3235MODASF Datasheet HTML 58Page - Texas Instruments CC3235MODASF Datasheet HTML 59Page - Texas Instruments CC3235MODASF Datasheet HTML 60Page - Texas Instruments CC3235MODASF Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 100 page
background image
T2
T6
T5
T9
T3
T8
T7
T4
T1
I2CSCL
I2CSDA
57
CC3235MODAS, CC3235MODASF
www.ti.com
SWRS233 – OCTOBER 2019
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Specifications
Copyright © 2019, Texas Instruments Incorporated
5.19.5.3.1 GPIO Input Transition Time Parameters
Table 5-19 lists the input transition time parameters.
Table 5-19. GPIO Input Transition Time Parameters
MIN
MAX
UNIT
tr
Input transition time (tr, tf), 10% to 90%
1
3
ns
tf
1
3
ns
(1)
All timing is with 6-mA drive and 20-pF load.
(2)
This value depends on the value programmed in the clock period register of I2C. Maximum output frequency is the result of the minimal
value programmed in this register.
(3)
Because I2C is an open-drain interface, the controller can drive logic 0 only. Logic is the result of external pullup. Rise time depends on
the value of the external signal capacitance and external pullup register.
5.19.5.4 I2C
The CC3235MODAx MCU includes one I2C module operating with standard (100 kbps) or fast (400 kbps)
transmission speeds.
Figure 5-13 shows the I2C timing diagram.
Figure 5-13. I2C Timing Diagram
Table 5-20 lists the I2C timing parameters.
Table 5-20. I2C Timing Parameters(1)
ITEM
NAME
DESCRIPTION
MIN
MAX
UNIT
T2
tLP
Clock low period
See (2)
System clock
T3
tSRT
SCL/SDA rise time
See (3)
ns
T4
tDH
Data hold time
NA
T5
tSFT
SCL/SDA fall time
3
ns
T6
tHT
Clock high time
See (2)
System clock
T7
tDS
Data setup time
tLP/2
System clock
T8
tSCSR
Start condition setup time
36
System clock
T9
tSCS
Stop condition setup time
24
System clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com