Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3235MODASF Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # CC3235MODASF
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASF Datasheet(HTML) 72 Page - Texas Instruments

Back Button CC3235MODASF Datasheet HTML 68Page - Texas Instruments CC3235MODASF Datasheet HTML 69Page - Texas Instruments CC3235MODASF Datasheet HTML 70Page - Texas Instruments CC3235MODASF Datasheet HTML 71Page - Texas Instruments CC3235MODASF Datasheet HTML 72Page - Texas Instruments CC3235MODASF Datasheet HTML 73Page - Texas Instruments CC3235MODASF Datasheet HTML 74Page - Texas Instruments CC3235MODASF Datasheet HTML 75Page - Texas Instruments CC3235MODASF Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 100 page
background image
72
CC3235MODAS, CC3235MODASF
SWRS233 – OCTOBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Detailed Description
Copyright © 2019, Texas Instruments Incorporated
6.9
Memory
6.9.1
Internal Memory
The CC3235x device within the CC3235MODAx modules includes on-chip SRAM to which application
programs are downloaded and executed. The application developer must share the SRAM for code and
data. The micro direct memory access (μDMA) controller can transfer data to and from SRAM and various
peripherals. The CC3235x device ROM holds the rich set of peripheral drivers, which saves SRAM space.
For more information on drivers, see the CC3235x API list.
6.9.1.1
SRAM
The CC3235MODAx MCU family provides 256KB of on-chip SRAM. Internal RAM is capable of selective
retention during LPDS mode. This internal SRAM is at offset 0x2000 0000 of the device memory map.
Use the μDMA controller to transfer data to and from the SRAM.
When the device enters low-power mode, the application developer can choose to retain a section of
memory based on need. Retaining the memory during low-power mode provides a faster wakeup. The
application developer can choose the amount of memory to retain in multiples of 64KB. For more
information, see the API guide.
6.9.1.2
ROM
The internal zero-wait-state ROM of the CC3235MODAx module is at address 0x0000 0000 of the device
memory and is programmed with the following components:
•
Bootloader
•
Peripheral driver library (DriverLib) release for product-specific peripherals and interfaces
The bootloader is used as an initial program loader (when the serial Flash memory is empty). The
DriverLib software library of the CC3235MODAx MCU controls on-chip peripherals with a bootloader
capability. The library performs peripheral initialization and control functions, with a choice of polled or
interrupt-driven peripheral support. The DriverLib APIs in ROM can be called by applications to reduce
Flash memory requirements and free the Flash memory to be used for other purposes.
6.9.1.3
Flash Memory
The CC3235SF device within the CC3235MODASF modules comes with an on-chip Flash memory of
1MB that allows application code to execute in place while freeing SRAM exclusively for read-write data.
The Flash memory is used for code and constant data sections and is directly attached to the
ICODE/DCODE bus of the Arm® Cortex®-M4 core. A 128-bit-wide instruction prefetch buffer allows
maintenance of maximum performance for linear code or loops that fit inside the buffer.
The Flash memory is organized as 2-KB sectors that can be independently erased. Reads and writes can
be performed at word (32-bit) level.
6.9.1.4
Memory Map
Table 6-4 describes the various MCU peripherals and how they are mapped to the processor memory. For
more information on peripherals, see the API document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com