Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3235MODASF Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # CC3235MODASF
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASF Datasheet(HTML) 42 Page - Texas Instruments

Back Button CC3235MODASF Datasheet HTML 38Page - Texas Instruments CC3235MODASF Datasheet HTML 39Page - Texas Instruments CC3235MODASF Datasheet HTML 40Page - Texas Instruments CC3235MODASF Datasheet HTML 41Page - Texas Instruments CC3235MODASF Datasheet HTML 42Page - Texas Instruments CC3235MODASF Datasheet HTML 43Page - Texas Instruments CC3235MODASF Datasheet HTML 44Page - Texas Instruments CC3235MODASF Datasheet HTML 45Page - Texas Instruments CC3235MODASF Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 100 page
background image
TX power level setting
19.00
17.00
15.00
13.00
11.00
9.00
7.00
5.00
3.00
1.00
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
54 OFDM
280.00
264.40
249.00
233.30
218.00
202.00
186.70
171.00
155.60
140.00
Color by
TX Power (dBm)
IBAT (VBAT @ 3.6 V)
TX power level setting
19.00
17.00
15.00
13.00
11.00
9.00
7.00
5.00
3.00
1.00
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
280.00
264.40
249.00
233.30
218.00
202.00
186.70
171.00
155.60
140.00
6 OFDM
Color by
TX Power (dBm)
IBAT (VBAT @ 3.6 V)
42
CC3235MODAS, CC3235MODASF
SWRS233 – OCTOBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Specifications
Copyright © 2019, Texas Instruments Incorporated
Figure 5-2. TX Power and IBAT vs TX Power Level Settings (6 OFDM)
Figure 5-3. TX Power and IBAT vs TX Power Level Settings (54 OFDM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com