Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3235MODASF Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # CC3235MODASF
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASF Datasheet(HTML) 82 Page - Texas Instruments

Back Button CC3235MODASF Datasheet HTML 78Page - Texas Instruments CC3235MODASF Datasheet HTML 79Page - Texas Instruments CC3235MODASF Datasheet HTML 80Page - Texas Instruments CC3235MODASF Datasheet HTML 81Page - Texas Instruments CC3235MODASF Datasheet HTML 82Page - Texas Instruments CC3235MODASF Datasheet HTML 83Page - Texas Instruments CC3235MODASF Datasheet HTML 84Page - Texas Instruments CC3235MODASF Datasheet HTML 85Page - Texas Instruments CC3235MODASF Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 100 page
background image
6 mm
6 mm
6 mm
1 mm
Copyright © 2017, Texas Instruments Incorporated
82
CC3235MODAS, CC3235MODASF
SWRS233 – OCTOBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Applications, Implementation, and Layout
Copyright © 2019, Texas Instruments Incorporated
7.3.2
CC3235MODAx RF Layout Recommendations
Use the following guidelines to lay out the CC3235MODAx module with an integrated antenna, as shown
in Figure 7-3.
•
The module must have an overhang of 1 mm from the PCB edge.
•
The module must have a 6-mm clearance on all layers (no copper) to the left and right of the module
placement.
•
There must be at least one ground-reference plane under the module on the main PCB.
•
For additional Layout recommendations, see the CC3220MODASx SimpleLink™ Wi-Fi® and IoT
Solution With MCU LaunchPad™ Hardware User's Guide.
Figure 7-3. CC3235MODAx Layout Guidelines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com