Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3235MODASF Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # CC3235MODASF
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASF Datasheet(HTML) 62 Page - Texas Instruments

Back Button CC3235MODASF Datasheet HTML 58Page - Texas Instruments CC3235MODASF Datasheet HTML 59Page - Texas Instruments CC3235MODASF Datasheet HTML 60Page - Texas Instruments CC3235MODASF Datasheet HTML 61Page - Texas Instruments CC3235MODASF Datasheet HTML 62Page - Texas Instruments CC3235MODASF Datasheet HTML 63Page - Texas Instruments CC3235MODASF Datasheet HTML 64Page - Texas Instruments CC3235MODASF Datasheet HTML 65Page - Texas Instruments CC3235MODASF Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 100 page
background image
62
CC3235MODAS, CC3235MODASF
SWRS233 – OCTOBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Specifications
Copyright © 2019, Texas Instruments Incorporated
5.19.5.11 Timers
Programmable timers can be used to count or time external events that drive the timer input pins. The
general-purpose timer module (GPTM) of the CC3235MODAx MCU contains 16- or 32-bit GPTM blocks.
Each 16- or 32-bit GPTM block provides two 16-bit timers or counters (referred to as Timer A and Timer
B) that can be configured to operate independently as timers or event counters, or they can be
concatenated to operate as one 32-bit timer. Timers can also be used to trigger µDMA transfers.
The GPTM contains four 16- or 32-bit GPTM blocks with the following functional options:
•
Operating modes:
–
16- or 32-bit programmable one-shot timer
–
16- or 32-bit programmable periodic timer
–
16-bit general-purpose timer with an 8-bit prescaler
–
16-bit input-edge count- or time-capture modes with an 8-bit prescaler
–
16-bit PWM mode with an 8-bit prescaler and software-programmable output inversion of the PWM
signal
•
Counts up or counts down
•
Sixteen 16- or 32-bit capture compare pins (CCP)
•
User-enabled stalling when the microcontroller asserts CPU Halt flag during debug
•
Ability to determine the elapsed time between the assertion of the timer interrupt and entry into the
interrupt service routine
•
Efficient transfers using micro direct memory access controller (µDMA):
–
Dedicated channel for each timer
–
Burst request generated on timer interrupt
•
Runs from system clock (80 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com