Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3235MODASF Datasheet(PDF) 88 Page - Texas Instruments

Click here to check the latest version.
Part # CC3235MODASF
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASF Datasheet(HTML) 88 Page - Texas Instruments

Back Button CC3235MODASF Datasheet HTML 84Page - Texas Instruments CC3235MODASF Datasheet HTML 85Page - Texas Instruments CC3235MODASF Datasheet HTML 86Page - Texas Instruments CC3235MODASF Datasheet HTML 87Page - Texas Instruments CC3235MODASF Datasheet HTML 88Page - Texas Instruments CC3235MODASF Datasheet HTML 89Page - Texas Instruments CC3235MODASF Datasheet HTML 90Page - Texas Instruments CC3235MODASF Datasheet HTML 91Page - Texas Instruments CC3235MODASF Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 100 page
background image
X
PREFIX
X = preproduction device
no prefix = production device
CC
3235
MOD
XXXX
XXX
R
DEVICE FAMILY
CC = wireless connectivity
SERIES NUMBER
3 = Wi-Fi Centric
PACKAGE DESIGNATOR
MON = LGA package
PACKAGING
R = tape/reel
MODULE
MOD = module
SM2 = S module
SF12 = SF module
X
A = integral antenna
No prefix = no antenna
88
CC3235MODAS, CC3235MODASF
SWRS233 – OCTOBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Device and Documentation Support
Copyright © 2019, Texas Instruments Incorporated
9.3
Firmware Updates
TI updates features in the service pack for this module with no published schedule. Due to the ongoing
changes, TI recommends users have the latest service pack in their module for production.
To stay informed, sign up for updates using the SDK Alert me button in the top-right corner of the product
page, or visit http://www.ti.com/tool/download/SIMPLELINK-CC32XX-SDK.
9.4
Device Nomenclature
To designate the stages in the product development cycle, TI assigns prefixes to the part numbers of the
CC3235MODAx and support tools (see Figure 9-1).
To designate the stages in the product development cycle, TI assigns prefixes to the part numbers of all
microprocessors (MPUs) and support tools. Each device has one of three prefixes: X, P, or null (no prefix)
(for example, CC3235MODAx). Texas Instruments recommends two of three possible prefix designators
for its support tools: TMDX and TMDS. These prefixes represent evolutionary stages of product
development from engineering prototypes (TMDX) through fully qualified production devices and tools
(TMDS).
Device development evolutionary flow:
X
Experimental device that is not necessarily representative of the final device's electrical
specifications and may not use production assembly flow.
P
Prototype device that is not necessarily the final silicon die and may not necessarily meet
final electrical specifications.
null
Production version of the silicon die that is fully qualified.
Support tool development evolutionary flow:
TMDX
Development-support product that has not yet completed Texas Instruments internal
qualification testing.
TMDS
Fully-qualified development-support product.
Figure 9-1. CC3235MODAx Module Nomenclature
For orderable part numbers of the CC3235MODAx device in the QFM package type, see Section 10.2,
see ti.com, or contact your TI sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com