Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3235MODASF Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # CC3235MODASF
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASF Datasheet(HTML) 83 Page - Texas Instruments

Back Button CC3235MODASF Datasheet HTML 79Page - Texas Instruments CC3235MODASF Datasheet HTML 80Page - Texas Instruments CC3235MODASF Datasheet HTML 81Page - Texas Instruments CC3235MODASF Datasheet HTML 82Page - Texas Instruments CC3235MODASF Datasheet HTML 83Page - Texas Instruments CC3235MODASF Datasheet HTML 84Page - Texas Instruments CC3235MODASF Datasheet HTML 85Page - Texas Instruments CC3235MODASF Datasheet HTML 86Page - Texas Instruments CC3235MODASF Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 100 page
background image
83
CC3235MODAS, CC3235MODASF
www.ti.com
SWRS233 – OCTOBER 2019
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Environmental Requirements and SMT Specifications
Copyright © 2019, Texas Instruments Incorporated
8
Environmental Requirements and SMT Specifications
8.1
PCB Bending
The PCB follows IPC-A-600J for PCB twist and warpage < 0.75% or 7.5 mil per inch.
8.2
Handling Environment
8.2.1
Terminals
The product is mounted with motherboard through land-grid array (LGA). To prevent poor soldering, do
not make skin contact with the LGA portion.
8.2.2
Falling
The mounted components will be damaged if the product falls or is dropped. Such damage may cause the
product to malfunction.
8.3
Storage Condition
8.3.1
Moisture Barrier Bag Before Opened
A moisture barrier bag must be stored in a temperature of less than 30°C with humidity under 85% RH.
The calculated shelf life for the dry-packed product will be 24 months from the date the bag is sealed.
8.3.2
Moisture Barrier Bag Open
Humidity indicator cards must be blue, < 30%.
8.4
PCB Assembly Guide
The wireless MCU modules are packaged in a substrate base Leadless Quad Flatpack (QFM) package.
Components were mounted onto the substrate with standard SMT process with the additional of a metal
lid covering the top of the module. The module are designed with pull back leads for easy PCB layout and
board mounting.
8.4.1
PCB Land Pattern & Thermal Vias
We recommended a solder mask defined land pattern to provide a consistent soldering pad dimension in
order to obtain better solder balancing and solder joint reliability. PCB land pattern are 1:1 to module
soldering pad dimension. Thermal vias on PCB connected to other metal plane are for thermal dissipation
purpose. It is critical to have sufficient thermal vias to avoid device thermal shutdown. Recommended vias
size are 0.2mm and position not directly under solder paste to avoid solder dripping into the vias.
8.4.2
SMT Assembly Recommendations
The module surface mount assembly operations include:
•
Screen printing the solder paste on the PCB
•
Monitor the solder paste volume (uniformity)
•
Package placement using standard SMT placement equipment
•
X-ray pre-reflow check - paste bridging
•
Reflow
•
X-ray post-reflow check - solder bridging and voids



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com