Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3235MODASF Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CC3235MODASF
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASF Datasheet(HTML) 3 Page - Texas Instruments

  CC3235MODASF Datasheet HTML 1Page - Texas Instruments CC3235MODASF Datasheet HTML 2Page - Texas Instruments CC3235MODASF Datasheet HTML 3Page - Texas Instruments CC3235MODASF Datasheet HTML 4Page - Texas Instruments CC3235MODASF Datasheet HTML 5Page - Texas Instruments CC3235MODASF Datasheet HTML 6Page - Texas Instruments CC3235MODASF Datasheet HTML 7Page - Texas Instruments CC3235MODASF Datasheet HTML 8Page - Texas Instruments CC3235MODASF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 100 page
background image
CC3235
WRF_BGN
F
BGN
RF_ABG
32-Mbit
SFlash
External SPI
Programming
40 MHz
32.768 kHz
UART
SPI
nReset
PM
2.3 V to 3.6 V
VBAT
User GPIOx
Aband
F
D
5 GHz
SPDT
WRF_A
3
CC3235MODAS, CC3235MODASF
www.ti.com
SWRS233 – OCTOBER 2019
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Module Overview
Copyright © 2019, Texas Instruments Incorporated
(1)
For more information, see Section 10.
The CC3235MODAx device family is part of the SimpleLink™ MCU platform—a common, easy-to-use
development environment based on a single-core software development kit (SDK) with a rich tool set and
reference designs. The E2E™ community supports Wi-Fi®, Bluetooth® low energy, Sub-1 GHz, and host
MCUs. For more information, visit www.ti.com/simplelink or www.ti.com/simplelinkwifi.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
CC3235MODASM2MON
QFM (63)
20.5 mm × 25 mm
CC3235MODASF12MON
QFM (63)
20.5 mm × 25 mm
1.4
Functional Block Diagrams
Figure 1-1 shows the functional block diagram of the CC3235MODAx module.
Figure 1-1. CC3235MODAx Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com