Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8846 Datasheet(PDF) 7 Page - ams AG

Part # AS8846
Description  Programmable PWM DC Motor Driver / Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8846 Datasheet(HTML) 7 Page - ams AG

Back Button AS8846 Datasheet HTML 3Page - ams AG AS8846 Datasheet HTML 4Page - ams AG AS8846 Datasheet HTML 5Page - ams AG AS8846 Datasheet HTML 6Page - ams AG AS8846 Datasheet HTML 7Page - ams AG AS8846 Datasheet HTML 8Page - ams AG AS8846 Datasheet HTML 9Page - ams AG AS8846 Datasheet HTML 10Page - ams AG AS8846 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Data Sheet AS8446
Revision 1.8, Date 2005-03-17
Page 7 of 35
Absolute Maximum Ratings (NON OPERATING)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any other conditions beyond those indicated under Operating
Conditions is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameter
Symbol
Min
Max
Unit Note
Battery voltage
Vbat
-0.3
30
V
(1)
Pumped voltage
Vpump
-0.3
44
V
Low Power Supply Voltage
VDD
-0.3
7
V
Input Pin Voltage (Low voltage pins)
Vin
-0.3
VDD+0.3
V
Input Current (latchup immunity)
Iscr
-100
100
mA
125°C
ESD
-0,9
0,9
kV
Norm: MIL 883 E method 3015 (2)
Total Power dissipation
Pvtot
500
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55
150
°C
Humidity
5
85
%
Non condensing
Body temperature
TBody
240
°C
Norm: IPC/JEDEC J-STD 020 C
Note (1): Load Dump, 500ms, according to DIN40839
Note (2): Except for Pin 1 (CMN) and Pin 25 (Vpump): ESD = +/- 0,5 kV
Table 3
Absolute Maximum Ratings
Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Note
Battery voltage (normal
operating-mode)
Vbat
6.5
18
V
(1)
Battery voltage (Low-Battery-
mode)
Vbat
6.0
6.5
V
Vpump-Vbat
≥ 4.0V;
Vout = const. high; (2)
Pumped voltage
Vpump
Vbat + 4V
Vbat + 10V
Vbat + 14V
V
(2)
Low Voltage Power Supply
VDD
4.8
5.15
V
(2);(3)
Standby Current (power down)
I_pd1Vbat
(50)
µA
Tamb < 27 °C; (4)
Standby Current (power down)
I_pd2Vbat
90
µA
Tamb < 125 °C;
Vbat = 13.5V
Ambient temperature
Tamb
-40
125
°
C
Note (1): Jump Start: Vbat < 28V, 1 min, 1 pulse/h
Note (2): Low Battery mode guarantees operation when the battery voltage is below 6.5V; In this mode the output driver is
constantly on (100% PWM), Vpump-Vbat
≥ 4.0V at 250µA load on Pin OUT; the load current of VDD is limited to 2.5mA
Note (3): Low Drop voltage regulator; 40 mA max. external load at VDD; higher current with external transistor possible
Note (4): only as information. Will not be tested
Table 4
Operating Conditions
Thermal Characteristics
Parameter
Symbol
Min
Max
Unit Note
Thermal resistance from junction to ambient
Rth,ja
76.2
°C/W free air, single layer PCB
Table 5
Thermal Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com