Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8846 Datasheet(PDF) 28 Page - ams AG

Part # AS8846
Description  Programmable PWM DC Motor Driver / Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8846 Datasheet(HTML) 28 Page - ams AG

Back Button AS8846 Datasheet HTML 24Page - ams AG AS8846 Datasheet HTML 25Page - ams AG AS8846 Datasheet HTML 26Page - ams AG AS8846 Datasheet HTML 27Page - ams AG AS8846 Datasheet HTML 28Page - ams AG AS8846 Datasheet HTML 29Page - ams AG AS8846 Datasheet HTML 30Page - ams AG AS8846 Datasheet HTML 31Page - ams AG AS8846 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Data Sheet AS8446
Revision 1.8, Date 2005-03-17
Page 28 of 35
a) Motor current measurement (normal current amplification channel: ACMV_normal , programmed by AV_RANGE_norm (Register
R8<1:0>) and AV_TRIMM (Register R7<4:0>)
The nominal measurement differential voltage Vmeas_nom (corresponding to 100% of the nominal motor current)
Vmeas_nom = (VCMp – VCMn)nom = Imotor_nom * Rmeas must be fixed by the value of Rmeas . So the value of this measurement resistor is
given by Rmeas = (VCMp – VCMn)nom / Imotor_nom .
The voltage amplification of this motor current measurement unit AVmeas_normal = VA_current / (VCMp – VCMn) is programmable in the
range AV_RANGE_norm * AV_TRIMM = (1, 2, 3, 4) * (70, 71, … 89, 90)
Examples:
AV_RANGE_norm = 1:
ACMV_normal = 70, 71, 72, … , 80, … , 89, 90
AV_RANGE_norm = 4:
ACMV_normal = 280, 284, 288, …, 320, … , 360
(The programming values of AV_RANGE_norm >1 are intended for a measurement of low currents with a higher digital
resolution, but in this cases the tolerances of the amplification factor is high due to the remaining offset of the measurement
amplifier.)
This way the analog output value VA_current of the current measurement unit can be adapted to the external measurement resistor
Rmeas (trimming of this resistor in the range + 12.5%).
The nominal (respectively 100%) voltage of the measurement unit VA_current (this is the nominal input voltage of the ADC on the
µP) must be 4.0 V.
b) Over current detection and protection (over current amplification channel ACMV_over)
The over current amplification channel uses the same input voltage Vmeas = (VCMp – VCMn) as the normal current amplification
channel.
The voltage amplification of this over current measurement channel ACMV_over = VA_overc / (VCMp – VCMn) is programmable by
AV_RANGE_over (Register R10<1:0>) and AV_TRIMM (Register R7<4:0>)
in the range
ACMV_over = AV_RANGE_over * AV_TRIMM = (1/4, 2/4, 3/4, 4/4) * (70, 71, … 89, 90)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com