Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8846 Datasheet(PDF) 14 Page - ams AG

Part # AS8846
Description  Programmable PWM DC Motor Driver / Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8846 Datasheet(HTML) 14 Page - ams AG

Back Button AS8846 Datasheet HTML 10Page - ams AG AS8846 Datasheet HTML 11Page - ams AG AS8846 Datasheet HTML 12Page - ams AG AS8846 Datasheet HTML 13Page - ams AG AS8846 Datasheet HTML 14Page - ams AG AS8846 Datasheet HTML 15Page - ams AG AS8846 Datasheet HTML 16Page - ams AG AS8846 Datasheet HTML 17Page - ams AG AS8846 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Data Sheet AS8446
Revision 1.8, Date 2005-03-17
Page 14 of 35
Programming of the motor current measurement and over current detection unit
The motor current measurement unit transforms the differential voltage over the measurement resistor at the high side
motor line (VCMP - VCMN) = Imotor * Rmeas to the ground related voltage VA_current (channel1) and to the ground related
voltage VA_overc (channel2) with a programmable amplification.
Definition and programming of the voltage amplifications AVmeas_norm and AVmeas_overc of the motor current measurement
unit:
a) channel 1: AVmeas_norm = VA_current / (VCMP - VCMN) = AV_TRIMM * AV_RANGE_norm
b) channel 2: AVmeas_overc = VA_overc / (VCMP - VCMN) = AV_TRIMM * AV_RANGE_over
Register No
Register Name
Meaning
R7<4:0>
AV_TRIMM
Voltage amplification factor1 of the current measurement unit in
small steps (trimming of the external current measurement resistor)
for the normal and over current analog measurement output
R7 = 0
à AV_TRIMM = 70
R7 = 1
à AV_TRIMM = 71
R7 = 2
à AV_TRIMM = 72
:
R7 = 10
à AV_TRIMM = 80
(default value)
R7 = 11
à AV_TRIMM = 81
:
R7 = 19
à AV_TRIMM = 89
R7 = 20
à AV_TRIMM = 90
R7 > 20
à AV_TRIMM = 90
R8<1:0>
AV_RANGE
Voltage amplification factor2 of the normal analog measurement
output (A_current)
R8 = 0
à AV_RANGE = 1
(default value)
R8 = 1
à AV_RANGE = 2
R8 = 2
à AV_RANGE = 3
R8 = 3
à AV_RANGE = 4
R9<2:0>
OVERC_level
Threshold value of the internal over current detection
Def.: Vocmax = 4/5 * VDD
(typ. 4.0 V)
Vocstep = (4/5 * VDD) / 8
(typ. 0.5 V)
R9 = 0
à OVERC_level = Vocmax
(typ. 4.0 V)
R9 = 1
à OVERC_level = Vocmax – Vocstep
(typ. 3.5 V)
R9 = 2
à OVERC_level = Vocmax - 2*Vocstep
(typ. 3.0 V)
R9 = 3
à OVERC_level = Vocmax - 3*Vocstep
(typ. 2.5 V)
:
R9 = 7
à OVERC_level = Vocmax - 7*Vocstep
(typ. 0.5 V)
R10<1:0>
AV_RANGE_over
Voltage amplification factor2 of the over current analog
measurement output (A_overc)
R10 = 0
à AV_RANGE_over = 1 * 1/4
(default value)
R10 = 1
à AV_RANGE_over = 2 * 1/4
R10 = 2
à AV_RANGE_over = 3 * 1/4
R10 = 3
à AV_RANGE_over = 4 * 1/4
Remark 1: The maximum of the valid analog output voltage of the outputs A_current and A_overc must be 4.0 V.
Remark 2: The total voltage amplification of the current measurement unit is determined by
normal current analog output A_current: AVmeas_norm = VA_current / (VCMP - VCMN) = AV_TRIMM * AV_RANGE
(default value: 80)
over current analog output A_overc: AVmeas_overc = VA_overc / (VCMP - VCMN) = AV_TRIMM * AV_RANGE_over
(default value: 20)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com