Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8846 Datasheet(PDF) 13 Page - ams AG

Part # AS8846
Description  Programmable PWM DC Motor Driver / Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8846 Datasheet(HTML) 13 Page - ams AG

Back Button AS8846 Datasheet HTML 9Page - ams AG AS8846 Datasheet HTML 10Page - ams AG AS8846 Datasheet HTML 11Page - ams AG AS8846 Datasheet HTML 12Page - ams AG AS8846 Datasheet HTML 13Page - ams AG AS8846 Datasheet HTML 14Page - ams AG AS8846 Datasheet HTML 15Page - ams AG AS8846 Datasheet HTML 16Page - ams AG AS8846 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Data Sheet AS8446
Revision 1.8, Date 2005-03-17
Page 13 of 35
Programming of the motor current measurement unit and the over current detection unit
The motor current measurement unit operates with an external current measurement resistor Rmeas in the high side motor line.
The chip has two measurement amplification channels with separately programmable amplification factors:
a)
normal motor current measurement, channel 1
AVmeas_norm = VA_current / Vmeas with Vmeas = (VCMP - VCMN), analog output A_current (multiplexed to output ADC) and
b)
over current measurement with extended measurement range, channel 2
AVmeas_overc = VA_overc / Vmeas, analog output A_overc (multiplexed to output ADC).
In general all programming possibilities in table 14 can be used to build up a measurement system in the defined limits. The
programming words are sent from the
µP via the Three-Wire Interface to the AS8446 during start up of the system. The typical
value of Vmeas_nom = (VCMP - VCMN)nom is 50 mV, corresponding to 100% of the motor current.
In the whole system the analog outputs A_current or A_overc are used by the ADC of the
µP to regulate and control the
system. There is only one exception: The over current detection and protection is realized directly by the over current
measurement channel in order to act very fast in case of an over current situation e.g. short circuit of the motor.
Figure 8 Programming examples of the current
Figure 9 Programming examples of the over current
measurement channels
detection
Figure 8 shows the programming of the normal current measurement channel (red lines, output voltage VCUR) and the over
current measurement channel with extended measurement range (blue lines, output voltage VCOVER). The three lines with the
parameters AV_TRIMM = 70, 80, 90 indicate the trimming range of the external measurement resistor (+ 12.5 % in steps of 1.25
%). The total range of the normal measurement amplification is AVmeas_norm = 70 to 360 corresponding to input voltages
Vmeas_max = 11 mV to 57 mV. The total range of the over current measurement amplification is AVmeas_overc = 17.5 to 90
corresponding to input voltages Vmeas_max = 44 mV to 229 mV.
Figure 9 shows an example of the programming of the over current threshold level (generation of the over current signal VPOV,
red lines): AVmeas_overc = 20 and OVERC_level = 0.5 V to 4.0 V in steps of 0.5 V.
All programming possibilities are given in table 14 below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com