Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8846 Datasheet(PDF) 19 Page - ams AG

Part # AS8846
Description  Programmable PWM DC Motor Driver / Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8846 Datasheet(HTML) 19 Page - ams AG

Back Button AS8846 Datasheet HTML 15Page - ams AG AS8846 Datasheet HTML 16Page - ams AG AS8846 Datasheet HTML 17Page - ams AG AS8846 Datasheet HTML 18Page - ams AG AS8846 Datasheet HTML 19Page - ams AG AS8846 Datasheet HTML 20Page - ams AG AS8846 Datasheet HTML 21Page - ams AG AS8846 Datasheet HTML 22Page - ams AG AS8846 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
Data Sheet AS8446
Revision 1.8, Date 2005-03-17
Page 19 of 35
Programming of the battery voltage monitor and over / under voltage detection
R11= 0
à VBAT_RANGE = 5 à Vbat-max = 20 V
R11= 1
à VBAT_RANGE = 8 à Vbat-max = 32 V
R11= 2
à VBAT_RANGE = 10 à Vbat-max = 40 V
R11= 3
à VBAT_RANGE = 15 à Vbat-max = 60 V
R11= 4
à VBAT_RANGE = 20 à Vbat-max = 80 V
Register write by: Three-Wire Interface
Register read by: Three-Wire Interface and voltage monitor
-
-
-
-
-
d2
d1
d0
R11<2:0>
VBAT_RANGE
---
--
0
1
0
start up values
R11= 0
à VBAT_RANGE = 5 à Vbat-max = 20 V
R11= 1
à VBAT_RANGE = 8 à Vbat-max = 32 V
R11= 2
à VBAT_RANGE = 10 à Vbat-max = 40 V
R11= 3
à VBAT_RANGE = 15 à Vbat-max = 60 V
R11= 4
à VBAT_RANGE = 20 à Vbat-max = 80 V
Register write by: Three-Wire Interface
Register read by: Three-Wire Interface and voltage monitor
-
-
-
-
-
d2
d1
d0
R12<2:0>
OVER_VOLT
---
--
1
1
1
start up values
Step of UNDER_VOLT = 0.25 V * VBAT_RANGE
UNDER_VOLT = 0.25 V * VBAT_RANGE * (R13 + 1)
Start up value: UNDER_VOLT = 7.5 V
Register write by: Three-Wire Interface
Register read by: Three-Wire Interface and voltage monitor
-
-
-
-
-
d2
d1
d0
R13<2:0>
UNDER_VOLT
---
--
0
0
0
start up values
Programming of the charge pump voltages
R14 = 0
à VPUMP_MIN = 4.0 V
R14 = 1
à VPUMP_MIN = 6.0 V
Register write by: Three-Wire Interface
Register read by: Three-Wire Interface and charge pump
---
----
d0
R14<0:0>
VPUMP_MIN
---
----
0
start up values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com