Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8846 Datasheet(PDF) 17 Page - ams AG

Part # AS8846
Description  Programmable PWM DC Motor Driver / Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8846 Datasheet(HTML) 17 Page - ams AG

Back Button AS8846 Datasheet HTML 13Page - ams AG AS8846 Datasheet HTML 14Page - ams AG AS8846 Datasheet HTML 15Page - ams AG AS8846 Datasheet HTML 16Page - ams AG AS8846 Datasheet HTML 17Page - ams AG AS8846 Datasheet HTML 18Page - ams AG AS8846 Datasheet HTML 19Page - ams AG AS8846 Datasheet HTML 20Page - ams AG AS8846 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
Data Sheet AS8446
Revision 1.8, Date 2005-03-17
Page 17 of 35
Slew rate regulation programming, off switch,
voltage VVMO dependent driver input current for positive VVMO voltage
SRoff = 0, 1, 2, … 31
ISRoff = VVmo * Acu_off * SRoff * K3
Register write by: Three Wire Interface
Register read by: Three Wire Interface and FET driver unit
-
-
-
d4
d3
d2
d1
d0
R4<4:0>
SRoff
-
-
-
1111
1
start up values
Slew rate regulation programming, off switch,
constant driver input current
SRoff_stat = 0, 1, 2, … 15
ISRoff_stat = 20
µA * (SRoff_stat + 1) * Acu_off
Register write by: Three Wire Interface
Register read by: Three Wire Interface and FET driver unit
-
-
-
-
d3d2d1
d0
R5<3:0>
SRoff_stat
---
-
1
1
1
1
start up values
Current amplification of the driver for on and off switch
R6<0> = 0
à Acu_on = (Iout / Iin)on = 256
R6<0> = 1
à Acu_on = (Iout / Iin)on = 512
R6<1> = 0
à Acu_off = (Iout / Iin)off = 256
R6<1> = 1
à Acu_off = (Iout / Iin)off = 512
Register write by: Three Wire Interface
Register read by: Three Wire Interface and FET driver unit
---
---
Acu_off
Acu_on
R6<1:0>
Acu_on Acu_off
---
---
00
start up values
Programming of the motor current measurement and over current detection unit
The motor current measurement unit transforms the differential voltage over the measurement resistor
(VCMP - VCMN) = Imotor * Rmeas to the ground related voltages VA_current (channel1: normal current measurement channel) and
VA_overc (channel2: over current measurement channel) with a programmable amplification.
Def. of the voltage amplification of the motor current measurement unit:
Voltage amplification of the normal current measurement channel:
1.
AVmeas_norm = VA_current / (VCMP - VCMN) = AV_TRIMM * AV_RANGE_norm
Voltage amplification of the normal current measurement channel
2. AVmeas_overc = VA_overc / (VCMP - VCMN) = AV_TRIMM * AV_RANGE_over



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com