Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8846 Datasheet(PDF) 21 Page - ams AG

Part # AS8846
Description  Programmable PWM DC Motor Driver / Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8846 Datasheet(HTML) 21 Page - ams AG

Back Button AS8846 Datasheet HTML 17Page - ams AG AS8846 Datasheet HTML 18Page - ams AG AS8846 Datasheet HTML 19Page - ams AG AS8846 Datasheet HTML 20Page - ams AG AS8846 Datasheet HTML 21Page - ams AG AS8846 Datasheet HTML 22Page - ams AG AS8846 Datasheet HTML 23Page - ams AG AS8846 Datasheet HTML 24Page - ams AG AS8846 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Data Sheet AS8446
Revision 1.8, Date 2005-03-17
Page 21 of 35
Failure Registers and Test Mode Register (on chip temperature detection)
R18<7:0>
FAILURE_STAT
R18<0>
à Poverc
(bit 0 contains the over current status)
R18<1>
à PVover
(bit 1 contains the over voltage status of Vbat)
R18<2>
à PVunder
(bit 2 contains the under voltage status of Vbat)
R18<3>
à PTover_in
(bit 3 contains the on chip over temperature status)
R18<4>
à PTover_ex
(bit 4 contains the external over temperature status)
R18<5>
à VDDover
(bit 5 contains the over voltage status of VDD, 5 V)
R18<6>
à VDDunder
(bit 6 contains the under voltage status of VDD, 5 V)
R18<7> = 0
à
band gap Voltage is the reference voltage for the
on chip over temperature detection (normal function)
R18<7> = 1
à
the voltage at pin TP is the reference voltage for
the on chip over temperature detection (test mode)
Registers R18<6:0>
set and reset by Three-Wire Interface and only
set by corresponding failure detection units
(Three Wire-Interface has write priority)
Register R18<6:0>
read by Three-Wire Interface and corresponding
logic
Register R18<7>
write by Three-Wire Interface only
Register R18<7>
read by Three-Wire Interface and corresponding
analog switch
TEMP_TEST
VDDunder
VDDover
PTover_ex
PTover_in
PVunder
PVover
Poverc
0
0
000
0
0
0
start up values
Table 14
Summary of the programming capabilities of the AS 8446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com