Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8846 Datasheet(PDF) 33 Page - ams AG

Part # AS8846
Description  Programmable PWM DC Motor Driver / Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8846 Datasheet(HTML) 33 Page - ams AG

Back Button AS8846 Datasheet HTML 27Page - ams AG AS8846 Datasheet HTML 28Page - ams AG AS8846 Datasheet HTML 29Page - ams AG AS8846 Datasheet HTML 30Page - ams AG AS8846 Datasheet HTML 31Page - ams AG AS8846 Datasheet HTML 32Page - ams AG AS8846 Datasheet HTML 33Page - ams AG AS8846 Datasheet HTML 34Page - ams AG AS8846 Datasheet HTML 35Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
Data Sheet AS8446
Revision 1.8, Date 2005-03-17
Page 33 of 35
The trigger of the watch dog is done by the high / low edge of the external signal WD (start of the counter). The output signal of
the watch dog WDout goes high if the watch dog time is over.
The output signal of the watch dog WDout or the nPOR are generate the low active signal RESET (used for external
µP only):
if nPOR = low or (WDout = high) and R16<0> = high)
à RESET = low
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
NOTE
time out of the watch dog
Twatch
110
160
190
ms
RESET pulse duration
Twatch_d
14
20
25
µs
Package Drawing and Marking
Figure 14
Physical Dimensions (SOIC28) of AS 8446
Physical Dimensions SOIC28 (millimeters)
D
E
H
A
A1
e
b
L
α
MIN.
17.81
7.42
10.16
2.46
0.127
0.35
0.61
0 °
NOM.
17.93
7.52
10.31
2.56
0.22
0.41
0.81
5 °
MAX.
18.06
7.59
10.41
2.64
0.29
1.27 BSC
0.48
1.02
8 °
EH
12 3
A
A1
e
b
D
TOP VIEW
SIDE VIEW
END VIEW
L
α



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com