Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8846 Datasheet(PDF) 32 Page - ams AG

Part # AS8846
Description  Programmable PWM DC Motor Driver / Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8846 Datasheet(HTML) 32 Page - ams AG

Back Button AS8846 Datasheet HTML 27Page - ams AG AS8846 Datasheet HTML 28Page - ams AG AS8846 Datasheet HTML 29Page - ams AG AS8846 Datasheet HTML 30Page - ams AG AS8846 Datasheet HTML 31Page - ams AG AS8846 Datasheet HTML 32Page - ams AG AS8846 Datasheet HTML 33Page - ams AG AS8846 Datasheet HTML 34Page - ams AG AS8846 Datasheet HTML 35Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Data Sheet AS8446
Revision 1.8, Date 2005-03-17
Page 32 of 35
Analog buffer characterization
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
NOTE
Input/Output voltage range
VIO
0.0
4.0
V
Offset voltage
Voffset
80
mV
Slew rate
SRbuffer
1.0
V/
µs
(1)
Note (1): CLoad = 20 pF
Failure Feedback Signal
There are two different ways to detect failures in the whole regulator system:
•
System failures detected directly on chip (e.g. over current, under voltage, …) and indicated by the appropriate failure
signal (e.g. Poverc, PVunder, …, respectively FAIL)
•
System failures detected by software of the controlling
µP via the monitoring of the motor current, motor speed, battery
voltage, temperature and duty cycle of the PWM signal (e.g. motor failures like blocked motor, open wires, …). This part of
system failures must be defined by the motor and system know how of the customer.
The following system failures are detected directly on the AS8446 chip:
1.
Over current of the motor (signal: Poverc)
2.
Under voltage of the battery voltage Vbat (signal: PVunder)
3.
Over voltage of the battery voltage Vbat (signal: PVover)
4.
Over temperature of external temperature (signal: PTover_ex)
5.
Over temperature of on chip temperature (signal: PTover_in)
6.
Under voltage of VDD (5 V) (signal: VDDunder)
7.
Over voltage of VDD (5 V) (signal: VDDover)
All these seven failures are stored in register R18 and can be read by the controlling
µP via the Three Wire Interface.
A failure signal FAIL is created by OR conjunction of these failures and put to the pin FAIL (can be used as an interrupt signal
for the
µP to start a read access via the Three Wire Interface to the failure register R18):
FAIL = Poverc or PVunder or PVover or PTover_ex or PTover_in or VDDunder or VDDover or TEMP_TEST
The first three failures (over current, over and under voltage) are used to switch off the driver output OUT immediately by on
chip hardware, the two temperature failure and the VDD over / under voltage failure are only detected and can be treated by
software of the
µP.
The signal TEMP_TEST is only used for test purposes and must be set low in the normal application. If there is a wrong value
(high) of TEMP_TEST during the normal application the FAIL signal is set and must be reset via the Three Wire Interface.
Wake-up System (Pin Wake-up)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
NOTE
DC Characteristics
Low Level Input Voltage
VIL
-8
0.4 VBAT
V
High Level Input Voltage
VIH
0.6 VBAT
VBAT
V
Input Hysteresis
VHYS
0.05 VBAT
0.1 VBAT
VVIH - VIL
Pull- up Current on Input
IPU
-400
5
µA
> 30 k
Ω internal pull- up
@ VIH = 0.7 VBAT
Watch Dog and RESET
The watch dog can be used to supervise the function of the controlling
µP. In cases where this supervising is not necessary, the
watch dog is switched off via the Three Wire Interface by sending a zero to R16<0:0>.
The default value after the start up of the system is R16<0:0> = 0 (watch dog is not active).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com