Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8846 Datasheet(PDF) 34 Page - ams AG

Part # AS8846
Description  Programmable PWM DC Motor Driver / Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8846 Datasheet(HTML) 34 Page - ams AG

Back Button AS8846 Datasheet HTML 27Page - ams AG AS8846 Datasheet HTML 28Page - ams AG AS8846 Datasheet HTML 29Page - ams AG AS8846 Datasheet HTML 30Page - ams AG AS8846 Datasheet HTML 31Page - ams AG AS8846 Datasheet HTML 32Page - ams AG AS8846 Datasheet HTML 33Page - ams AG AS8846 Datasheet HTML 34Page - ams AG AS8846 Datasheet HTML 35Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
Data Sheet AS8446
Revision 1.8, Date 2005-03-17
Page 34 of 35
Physical Dimensions SOIC28 (inches)
D
E
H
A
A1
e
b
L
α
MIN.
.701
.292
.400
.097
.0050
.014
.024
0 °
NOM.
.706
.296
.406
.101
.0090
.016
.032
5 °
MAX.
.711
.299
.410
.104
.0115
.050 BSC
.019
.040
8 °
Table 15
Physical Dimensions of AS 8446
Figure 15
Marking of AS 8446
Marking:
YYWWIZZ
YY:
Manufacturing Year
WW:
Manufacturing Week
I:
Plant Identifier
ZZ:
Letters Of Free Choice
Figure 16
PB-free Marking of AS 8446
Marking:
AYWWIZZ
A:
Pb-Free Identifier
Y:
Last Digit of Manufacturing Year
WW:
Manufacturing Week
I:
Plant Identifier
ZZ:
Traceability Code
A Y WWI ZZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com