Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8846 Datasheet(PDF) 25 Page - ams AG

Part # AS8846
Description  Programmable PWM DC Motor Driver / Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8846 Datasheet(HTML) 25 Page - ams AG

Back Button AS8846 Datasheet HTML 21Page - ams AG AS8846 Datasheet HTML 22Page - ams AG AS8846 Datasheet HTML 23Page - ams AG AS8846 Datasheet HTML 24Page - ams AG AS8846 Datasheet HTML 25Page - ams AG AS8846 Datasheet HTML 26Page - ams AG AS8846 Datasheet HTML 27Page - ams AG AS8846 Datasheet HTML 28Page - ams AG AS8846 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
Data Sheet AS8446
Revision 1.8, Date 2005-03-17
Page 25 of 35
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
NOTE
Off threshold for Reset generation
Voff_PORS
2.1
3.5
4.5
V
Ramp up
Hysteresis of Reset signal
Hyst_PORS
0.1
0.8
V
Sleep / wake up system
The whole IC is put in sleep mode (power down mode) by the control signal SLEEP set via the Three Wire Interface (SLEEP =
high, content register R17).
The whole start up and sleep mode behavior is shown in figure 4.
In sleep mode the following actions are done:
-
the power FET driver output OUT is hold at low (VSS)
-
the oscillator, the charge pump and all other blocks are put in a high ohmic status
-
the 5 V regulator is switched off (no external supply at pin VDD, this way all devices on the motor regulator board supplied
by VDD, e.g. the
µP and the external temperature sensor, are powered down)
-
a raw internal 5 V supply VDDraw is generated to supply the wake up system and the whole logic block
-
the total current consumption of the IC is less than 90
µA
During sleep mode the Wake-up Pin must be at high level (VBAT).
Applying a “low”-pulse on the wake-up pin will wake up the IC.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
NOTE
Current Consumption in Sleep Mode
(Tamb = -40 oC to 125 oC)
Ivbat_pd
90
µA
Current Consumption in Sleep Mode
(Tamb = -40 oC to 27 oC)
(1)
Ivbat_pd27
(50)
µA
R17<0> = 1 (SLEEP =
high)
Note (1): only as information. Will not be tested.
Reference Current Generator
The reference current generator uses a bandgap based 1 V reference voltage to generate a buffered 1 V voltage reference at
pin Iref. A 22 k
Ω external resistor must be used to generate the 45 µA current reference.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
NOTE
Voltage at pin Iref
Vref
0.95
1.0
1.05
V
High Side Power FET Driver / Slew Rate Regulation
The supply voltage of this driver is about 10 V higher than the Vbat (n-channel power FET to drive) and is delivered by the on
chip charge pump at pin Vpump.
The Power FET driver is controlled in two different ways:
First by the digital output of the PWM generator of the
µP to realizing a certain duty cycle of the motor drive and so to regulate
the motor current, voltage or speed in a closed loop.
The driver output OUT is set to low (the motor is switched off) independently of the PWM signal under the following conditions:
•
over current condition:
The over current signal Poverc is set to high by the over
(Poverc = high
)
current detection unit and reset to low via the Three Wire Interface
•
under voltage condition of Vbat:
The under voltage signal PVunder is set and reset by the voltage
(PVunder = high)
monitor.
•
over voltage condition of Vbat:
The over voltage signal PVover is set and reset by the voltage
(PVover = high )
monitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com