Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8846 Datasheet(PDF) 26 Page - ams AG

Part # AS8846
Description  Programmable PWM DC Motor Driver / Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8846 Datasheet(HTML) 26 Page - ams AG

Back Button AS8846 Datasheet HTML 22Page - ams AG AS8846 Datasheet HTML 23Page - ams AG AS8846 Datasheet HTML 24Page - ams AG AS8846 Datasheet HTML 25Page - ams AG AS8846 Datasheet HTML 26Page - ams AG AS8846 Datasheet HTML 27Page - ams AG AS8846 Datasheet HTML 28Page - ams AG AS8846 Datasheet HTML 29Page - ams AG AS8846 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
Data Sheet AS8446
Revision 1.8, Date 2005-03-17
Page 26 of 35
•
charge pump voltage Vpump - Vbat is too low:
The charge pump OK signal VPok is set and reset by the charge pump
(VPok = low )
monitor.
The threshold values of these parameters are programmable (see section Summary of all programmable registers
(parameters, functions)).
•
the calibration of the motor current measurement unit is not yet finished: Mcalib = low. The motor current must be zero
respectively the voltage (VCMP - VCMN ) must be zero during the calibration.
This calibration is done after the start up of the system including the ready signal of the charge pump: power on reset signal
nPOR and Vpok = high starts the calibration. The calibration procedure needs about 200
µs (see figure 4).
Summary of logic driver function: OUT = PWM and /Poverc and /PVunder and /PVover and VPok and Mcalib
Second by the analog motor voltage to regulate the slew rate during the rising and falling edge of the motor voltage (EMC
conform technology). This slew rate control respectively regulation is executed by a feedback of the motor voltage Vmotor
available at the pin Vmo. The characteristics (parameters) of this slew rate regulation can be programmed via the Three-Wire
Interface independently for the falling and rising edge of the motor voltage and can therefore be adapted to a specific
application (motor and its environment).
This programming of the output current characteristics (gate current of the external power FET) in both directions is shown in
section Summary of all programmable registers (parameters, functions).
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
NOTE
Tolerances of driver
output current (pin
OUT), sourcing
IOUTon
-50%
+50%
Iout_on = ISRon-stat + ISRon + ISRon_min
The relative tolerances between adjacent
programming steps of the driver current are less
than 10%.
Tolerances of driver
output current (pin
OUT), sinking
IOUToff
-50%
+50%
Iout_off = ISRoff-stat + ISRoff
The relative tolerances between adjacent
programming steps of the driver current are less
than 10%.
-
max. pulse duration = 1
µs @ 20 kHz or max. external charge to load: 250 nC @ 20 kHz
-
valid for IOUT = 5 mA ... 500 mA and Vbat = 12 V , Vpump = 22 V
-
Programmable by the registers R1 to R6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com