Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8846 Datasheet(PDF) 24 Page - ams AG

Part # AS8846
Description  Programmable PWM DC Motor Driver / Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8846 Datasheet(HTML) 24 Page - ams AG

Back Button AS8846 Datasheet HTML 20Page - ams AG AS8846 Datasheet HTML 21Page - ams AG AS8846 Datasheet HTML 22Page - ams AG AS8846 Datasheet HTML 23Page - ams AG AS8846 Datasheet HTML 24Page - ams AG AS8846 Datasheet HTML 25Page - ams AG AS8846 Datasheet HTML 26Page - ams AG AS8846 Datasheet HTML 27Page - ams AG AS8846 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
Data Sheet AS8446
Revision 1.8, Date 2005-03-17
Page 24 of 35
Electrical Parameters and Functionality of the Subblocks
All parameters are valid in the temperature range Tamb = -40 oC to +125 oC if not otherwise mentioned.
5V Regulator
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
NOTE
Regulated Output Voltage
VDD
4.8
5.0
5.15
V
(1)
Load Current at VDD
IOUT
40
mA
(2), (3), (4)
Under voltage detection threshold
VDDunder
4.3
V
Over voltage detection threshold
VDDover
5.6
V
Note (1): For use of the internal voltage regulator the Pins VDD and VDDctrl must be connected. An external
capacitor of 4.7
µF to 10µF needs to be connected at the VDD pin.
Note (2): Valid for Vbat
≥ 6.5V; for 6.0V ≤ Vbat < 6.5V the load current is limited to 2.5mA.
Note (3): There is also the possibility to use an external regulator (Bipolar transistor). It is up to the user to select
the suitable external components.
Note (4): The max. power dissipation on chip must be respected
(estimation: Pchip_vdd = ((Vbatmax - 5 V ) * Ivdd_ex + Vbat * Ivdd_in) < 400 mW )
Design Example
Figure 12: Design example for operation of external voltage regulator
Power on Reset
21
3
4
50
2
13
4
5
5
4
3
2
1
Figure 13
Transfer characteristic of PORn circuitry
T1… Philips NPN medium power transistor BCX 56
CVDD… Panasonic FK-series 100µF / 16V
R
100
Ω
C
VDD
100 µF / 16V
T
1
V
BAT
220 nF
(Ceramic)
V
DDctrl
V
DD
47 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com