Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8846 Datasheet(PDF) 11 Page - ams AG

Part # AS8846
Description  Programmable PWM DC Motor Driver / Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8846 Datasheet(HTML) 11 Page - ams AG

Back Button AS8846 Datasheet HTML 7Page - ams AG AS8846 Datasheet HTML 8Page - ams AG AS8846 Datasheet HTML 9Page - ams AG AS8846 Datasheet HTML 10Page - ams AG AS8846 Datasheet HTML 11Page - ams AG AS8846 Datasheet HTML 12Page - ams AG AS8846 Datasheet HTML 13Page - ams AG AS8846 Datasheet HTML 14Page - ams AG AS8846 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Data Sheet AS8446
Revision 1.8, Date 2005-03-17
Page 11 of 35
Rising edge (switch on): Programmable Gate Drive Source Currents (13 bit)
Register / timing
part of rising edge
Programmable range
Programmable range
Unit
Note
R6<0> = 1, Acu_on/off
R6<0> = 0, Acu_on/off
min
max
step
min
max
step
R1<4:0> = SRon
(Vmotor = 12.7 V)
0
496
16
0
248
8
mA
R1<4:0> = SRon
(Vmotor = 30.7 V)
0
(1240)1
40
0
(620)1
20
mA
R1 = 0, 1, 2, … 31
R2<3:0> = SRon_stat
1.0
32
1.0
0.5
16
0.5
mA
R2 = 0, 1, 2, … 15
R3<2:0> = SRon_min
(Vmotor = -0.5 V)
20
160
20
10
80
10
mA
R3 = 0, 1, 2, … 7
Note (1):
The total driver current Iout_on must be limited to 500 mA (Iout_on < 500 mA ) in the real application with the given
Vmotor_max = Vbat by appropriate programming.
Table 11
Programming of the slew rate parameters (rising edge)
Figure 5
Rising edge of the motor voltage before and after the EMC optimization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com