Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8846 Datasheet(PDF) 2 Page - ams AG

Part # AS8846
Description  Programmable PWM DC Motor Driver / Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8846 Datasheet(HTML) 2 Page - ams AG

  AS8846 Datasheet HTML 1Page - ams AG AS8846 Datasheet HTML 2Page - ams AG AS8846 Datasheet HTML 3Page - ams AG AS8846 Datasheet HTML 4Page - ams AG AS8846 Datasheet HTML 5Page - ams AG AS8846 Datasheet HTML 6Page - ams AG AS8846 Datasheet HTML 7Page - ams AG AS8846 Datasheet HTML 8Page - ams AG AS8846 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
Data Sheet AS8446
Revision 1.8, Date 2005-03-17
Page 2 of 35
Functional Description
Overview
The AS8446 is a complex integrated circuit, which contains
both low and high voltage circuitry to regulate PWM brush DC
motors with an external n-channel power FET and an
8-bit
µP. The regulation loop is a closed loop environment
where a
µP is connected to the device with a Three-Wire
Interface. The AS8446 measures and delivers the motor
current as an analog value to the
µP. The µP uses a special
algorithm to calculate the motor speed by considering the
motor current as a function of time. This technique allows the
system to act either as a motor current or a motor speed
regulator. The AS8446 also monitors and delivers the battery
voltage to the
µP as an analog value and by leveraging this
voltage-monitoring feature a motor voltage regulator could
be implemented also. A full diagnosis of motor and power FET
failures is performed automatically by the programmable
failure handling functions after carefully analyzing the motor
characteristics, real-time motor current, motor speed and
battery voltage.
The dynamically self-adjusting slew rate regulated switching
technology (patented) is one of the most important features of
this ASSP in automotive applications. This technology
enables two features of the PWM DC motor regulator, which
were up till now impossible to realize:
•
Excellent EMC behavior (very low RF emission in the
whole frequency range)
•
High power efficiency up to 96 % @ fPWM = 20 kHz
(fall / rise time down up to < 150 ns)
Most of the parameters (e.g. PWM frequency, slew rate, over
current threshold, current measurement range, etc.) of the
AS8446 can be programmed (setting up the internal registers)
through the Three-Wire Interface, which makes the regulator
a versatile and easily adaptable device to a wide range of
regulation modes and motors.
The field programmability option of the slew rate regulation
parameters makes it easier to comply with the system level
EMC behavior (regulator board, motor, power cables, etc.)
A bandgap is used as a reference for a Low Drop Voltage
Regulator with a nominal output voltage of 5 V.
This regulator is capable to deliver a supply current of up to
40 mA. Higher current is possible with an external bipolar
transistor.
The device is bundled with a set of software to handle the
regulation loop, motor speed measurement and failure
detection. A sleep/wake up system is integrated to bring the
AS8446 into a power save mode. It is controlled via the
specified wake-up pin.
A short overview of the main features follows.
•
programmable PWM DC motor current, speed or voltage
regulator
•
single voltage supply in the range Vbat = 6.0V to 18V
(Vbat,max = 30 V)
•
Low-Battery-Mode guarantees operation also when
battery voltage is between 6.0V and 6.5V; In this mode
the output driver is constantly on (100% PWM),
Vpump-Vbat
≥ 4.0V.
•
applicable directly to the automotive battery supply
(burst, surge, load dump)
•
closed loop regulation of the motor speed, motor current
or motor voltage with a
µP.
•
high power efficiency of the whole regulator module (up
to 96 % @ fPWM = 20 kHz)
•
low RF emission within the whole frequency range
•
fully protected by programmable failure handling
procedures (see below: Security Functions)
•
fast over current and over / under voltage detection and
protection
•
motor current and motor speed measurement with only
one shunt resistor (typ. measurement voltage at nominal
motor current: 50 mV)
•
on chip trimming capability of the external shunt resistor
•
Sleep/wake up mode system controlled by the
µP and
the wake-up pin
•
Three Wire Interface
•
programming possibilities of the following regulator
parameters inside of the AS8446:
-
PWM frequency (generated by
µP, e.g. 20 kHz)
-
charge pump voltage monitoring and protection
-
slew rate control parameters (EMC behavior)
-
power FET Gate driver currents up to 500 mA
-
over current threshold level
-
over / under voltage threshold level
-
motor current measurement range and trimming of
the external current measurement resistor
•
programming possibilities of the following regulator
parameters / functions via the
µP
-
motor failure threshold levels (motor currents and
voltages) for all motor failures: blocked motor, open
wire, no load, shorted motor segments, etc.
-
failure handling procedures for all motor failures,
over / under voltage and for over temperature (type
of reaction and timing)
-
sleep mode criteria and sleep mode signal to the
AS8446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com